công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS68040MFD/T33A bảng dữ liệu(PDF) 16 Page - ATMEL Corporation

tên linh kiện TS68040MFD/T33A
Giải thích chi tiết về linh kiện  Third- Generation 32-bit Microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040MFD/T33A bảng dữ liệu(HTML) 16 Page - ATMEL Corporation

Back Button TS68040MFD/T33A Datasheet HTML 12Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 13Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 14Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 15Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 16Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 17Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 18Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 19Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
16
TS68040
2116A–HIREL–09/02
Thermal Characteristics with
a Heat Sink
and Forced Air
A sample size of three TS68040 packages was tested in forced-air cooling in a wind tun-
nel with a heat sink. This test was performed with 3W of power being dissipated from
within the package. As mentioned previously, the variance in
Φ
JA within the possible
power range is negligible; it can be assumed for calculation purposes that
Φ
JA is valid at
all power levels. Table 10 shows the results, assuming a maximum power dissipation at
3 and 5W with air flow and heat sink thermal management (refer to Table 6 to calculate
other power dissipation values).
Thermal Testing Summary
Testing proved that a heat sink in combination with a relatively small amount of air-flow
(100 LFM or less) will easily realize a 0-70°C ambient operating temperature for the
TS68040 with almost any configuration of the output buffers. A heat sink alone may be
capable of providing all necessary cooling, depending on the particular heat sink
height/size restraints, the maximum ambient operating temperature required, and the
output buffer configuration chosen. Also forced air cooling alone may attain a 0-70°C
ambient operating temperature. However this factor is highly dependent on the output
buffer configuration chosen and the available forced air for cooling. Figure 7 is a sum-
mary of the test results of the relationship between
Φ
JA and air-flow for the TS68040.
Table 9. Thermal Parameters With Heat Sink and No Air Flow
Thermal Mgmt.
Technique
Defined Parameters
Measured
Calculated
Heat Sink
P
D
T
J
Φ
JC
Φ
JA
Φ
CA
T
C
T
A
2338B
3W
125°C
1°C/W
14°C/W
13°C/W
122°C
83°C
2338B
5W
125°C
1°C/W
14°C/W
13°C/W
120°C
55°C
Table 10. Thermal Parameters with Heat Sink and Air Flow
Thermal Mgmt. Technique
Defined Parameters
Measured
Calculated
Air-flow
Heat sink
P
D
T
J
Φ
JC
Φ
JA
Φ
CA
T
C
T
A
100 LFM
2338B
3W
125°C
1°C/W
3.1°C/W
2.1°C/W
122°C
115.7°C
250 LFM
2338B
3W
125°C
1°C/W
2.2°C/W
1.2°C/W
122°C
118.4°C
500 LFM
2338B
3W
125°C
1°C/W
1.7°C/W
0.7°C/W
122°C
119.9°C
750 LFM
2338B
3W
125°C
1°C/W
1.5°C/W
0.5°C/W
122°C
120.5°C
1000 LFM
2338B
3W
125°C
1°C/W
1.4°C/W
0.4°C/W
122°C
120.8°C
100 LFM
2338B
5W
125°C
1°C/W
3.1°C/W
2.1°C/W
120°C
109.5°C
250 LFM
2338B
5W
125°C
1°C/W
2.2°C/W
1.2°C/W
120°C
114°C
500 LFM
2338B
5W
125°C
1°C/W
1.7°C/W
0.7°C/W
120°C
116.5°C
750 LFM
2338B
5W
125°C
1°C/W
1.5°C/W
0.5°C/W
120°C
117.5°C
1000 LFM
2338B
5W
125°C
1°C/W
1.4°C/W
0.4°C/W
120°C
118°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com