công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS68040MFD/T33A bảng dữ liệu(PDF) 22 Page - ATMEL Corporation

tên linh kiện TS68040MFD/T33A
Giải thích chi tiết về linh kiện  Third- Generation 32-bit Microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040MFD/T33A bảng dữ liệu(HTML) 22 Page - ATMEL Corporation

Back Button TS68040MFD/T33A Datasheet HTML 18Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 19Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 20Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 21Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 22Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 23Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 24Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 25Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
22
TS68040
2116A–HIREL–09/02
Notes:
1. All testing to be performed using worst-case test conditions unless otherwise specified.
2. The following pins are active low: AVEC, BG, BS, BR, CDIS, CIOUT, IPEND, IPLO, IPL1, IPL2, LOCK, LOCKE, MDIS, MI,
RST0, RSTI, TA, TBI, TCI, TEA, TIP, TRST, TS and W of R/W.
3. Maximum operating junction temperature (T
J) = +125°. Minimum case operating temperature (TC) = -55°. This device is not
tested at T
C = +125°. Testing is performed by setting the junction temperature TJ = +125°and allowing the case and ambient
temperatures to rise and fall as necessary so as not to exceed the maximum junction temperature.
4. The levels on CDIS, MDIS, and the IPL2-IPL0 signals enable or disable the multiplexed bus mode, data latch enable mode,
and driver impedance selection respectively.
44c
TTn Valid to BCLK (Setup)
6
8.5
ns
44d
R/W Valid to BCLK (Setup)
6
5
ns
44e
SCn Valid to BCLK (Setup)
10
11
ns
45
BCLK to Address SIZn, TTn, R/W, SCn Invalid (Hold)
2
2
ns
46
TS Valid to BCLK (Setup)
5
9
ns
47
BCLK to TS Invalid (Hold)
2
2
ns
49
BCLK to BB High Impedance (68040 Assumes Bus Mastership)
9
9
ns
51
RSTI Valid to BCLK
5
4
ns
52
BCLK to RSTI Invalid
2
2
ns
53
Mode Select Setup to RSTI Negated
(4)
20
20
ns
54
RSTI Negated to Mode Selects Invalid
(4)
22
ns
Table 15. Input AC Timing Specifications (Figure 9 to Figure 15) (Continued)
-55°C
≤T
C ≤TJmax; 4.75V ≤VCC ≤5.25V unless otherwise specified
(1)(2)(3)(4)
Num
Characteristic
25 MHz
33 MHz
Unit
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com