công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS68040MFD/T33A bảng dữ liệu(PDF) 11 Page - ATMEL Corporation

tên linh kiện TS68040MFD/T33A
Giải thích chi tiết về linh kiện  Third- Generation 32-bit Microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040MFD/T33A bảng dữ liệu(HTML) 11 Page - ATMEL Corporation

Back Button TS68040MFD/T33A Datasheet HTML 7Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 8Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 9Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 10Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 11Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 12Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 13Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 14Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
11
TS68040
2116A–HIREL–09/02
Output Buffer Mode
The 68040 is capable of resetting to enable for a combination of either large buffers or
small buffers on the outputs of the miscellaneous control signals, data bus, and address
bus/transfer attribute pins. The large buffers offer quicker output times, which allow for
an easier logic design. However, they do so by driving about 11 times as much current
as the small buffers (refer to TS68040 Electrical specifications for current output). The
designer should consider whether the quicker timings present enough advantage to jus-
tify the additional consideration to the individual signal terminations, the die power
consumption, and the required cooling for the device. Since the TS68040 can be pow-
ered-up in one of eight output buffer modes upon reset, the actual maximum power
consumption for TS68040 rated at a particular maximum operating frequency is depen-
dent upon the power up mode. Therefore, the TS68040 is rated at a maximum power
dissipation for either the large buffers or small buffers at a particular frequency (refer to
TS68040 Electrical specifications). This allows the possibility of some of the thermal
management to be controlled upon reset. The following equation provides a rough
method to calculate the maximum power consumption for a chosen output buffer mode:
P
D = PDSB + (PDLB - PDSB) · (PINSLB/PINSCLB)
(1)
where:
P
D
= Max. power dissipation for output buffer mode
selected
P
DSB
= Max. power dissipation for small buffer mode
(all outputs)
P
DLB
= Max. power dissipation for large buffer mode
(all outputs)
PINS
LB
= Number of pins large buffer mode
PINS
CLB
= Number of pins capable of the large buffer
mode
Table 6 shows the simplified relationship on the maximum power dissipation for eight
possible configurations of output buffer modes.
Table 6. Maximum Power Dissipation for Output Buffer Mode Configurations
Output Configuration
Maximum Power Dissipation
Data Bus
Address Bus and
Transfer Attrib.
Misc. Control
Signals
PD
Small Buffer
Small Buffer
Small Buffer
P
DSB
Small Buffer
Small Buffer
Large Buffer
P
DSB + (PDLB - PDSB) · 13%
Small Buffer
Large Buffer
Small Buffer
PDSB + (PDLB - PDSB) · 52%
Small Buffer
Large Buffer
Large Buffer
P
DSB + (PDLB - PDSB) · 65%
Large Buffer
Small Buffer
Small Buffer
P
DSB + (PDLB - PDSB) · 35%
Large Buffer
Small Buffer
Large Buffer
PDSB + (PDLB - PDSB) · 48%
Large Buffer
Large Buffer
Small Buffer
P
DSB + (PDLB - PDSB) · 87%
Large Buffer
Large Buffer
Large Buffer
P
DSB + (PDLB - PDSB) · 100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com