công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS68040MFD/T33A bảng dữ liệu(PDF) 20 Page - ATMEL Corporation

tên linh kiện TS68040MFD/T33A
Giải thích chi tiết về linh kiện  Third- Generation 32-bit Microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040MFD/T33A bảng dữ liệu(HTML) 20 Page - ATMEL Corporation

Back Button TS68040MFD/T33A Datasheet HTML 16Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 17Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 18Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 19Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 20Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 21Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 22Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 23Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
20
TS68040
2116A–HIREL–09/02
Figure 8. Clock Input Timing
Table 14. Output AC Timing Specifications(1) (Figure 9 to Figure 15)
These output specifications are only for 25 MHz. They must be scaled for lower operating frequencies. Refer to
TS6804DH/AD for further information. -55°C
≤T
C ≤TJmax; 4.75V ≤VCC ≤5.25V unless otherwise specified.
(2)(3)(4)
Num
Characteristic
25 MHz
33 MHz
Unit
Large
Buffer
(1)
Small
Buffer
(1)
Large
Buffer
(1)
Small
Buffer
(1)
MinMax
MinMax
MinMax
MinMax
11
BCLK to address CIOUT, LOCK, LOCKE,
R/W, SIZn, TLN, TMn, UPAn valid
(5)
921930
6.50
18
6.50
25
ns
12
BCLK to output invalid (output hold)
9
9
6.50
6.50
ns
13
BCLK to TS valid
9
21
9
30
6.50
18
6.50
25
ns
14
BCLK to TIP valid
9
21
9
30
6.50
18
6.50
25
ns
18
BCLK to data-out valid
(6)
923932
6.50
20
6.50
27
ns
19
BCLK to data-out invalid (output hold)
(6)
9
9
6.50
6.50
ns
20
BCLK to output low impedance
(5)(6)
9
9
6.50
6.50
ns
21
BCLK to data-out high impedance
9
20
9
20
6.50
17
6.50
17
ns
26
BCLK to multiplexed address valid
(5)
19
31
19
40
14
26
14
33
ns
27
BCLK to multiplexed address driven
(5)
19
19
14
14
ns
28
BCLK to multiplexed address high
impedance
(5)(6)
918918
6.50
15
6.50
15
ns
29
BCLK to multiplexed data driven
(6)
19
19
14
20
14
20
ns
30
BCLK to multiplexed data valid
(6)
19
33
19
42
14
28
14
35
ns
38
BCLK to address CIOUT, LOCK, LOCKE,
R/W, SIZn, TS, TLNn, TMn, TTn, UPAn high
impedance
(5)
918918
6.50
15
6.50
15
ns
39
BCLK to BB, TA, TIP high impedance
19
28
19
28
14
23
14
23
ns
40
BCLK to BR, BB valid
9
21
9
30
6.50
18
6.50
25
ns
43
BCLK to MI valid
9
21
9
30
6.50
18
6.50
25
ns
48
BCLK to TA valid
9
21
9
30
6.50
18
6.50
25
ns
50
BCLK to IPEND, PSTn, RSTO valid
9
21
9
30
6.50
18
6.50
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com