công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS68040MFD/T33A bảng dữ liệu(PDF) 33 Page - ATMEL Corporation

tên linh kiện TS68040MFD/T33A
Giải thích chi tiết về linh kiện  Third- Generation 32-bit Microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040MFD/T33A bảng dữ liệu(HTML) 33 Page - ATMEL Corporation

Back Button TS68040MFD/T33A Datasheet HTML 29Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 30Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 31Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 32Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 33Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 34Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 35Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 36Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
33
TS68040
2116A–HIREL–09/02
Note:
DN =
Data register, D0-D7
AN =
Address register, A0-A7
d
8, d16
=
A twos-complement or sign-extended displacement; added as part of the effective address calculation;
size is 8 (d
8) or 16 (d16) bits; when omitted, assemblers use a value of zero.
Xn =
Address or data register used as an index register; form is Xn, SIZE*SCALE, where SIZE is W or L
(indicates index register size) and SCALE is 1, 2, 4 or 8 (index register os multiplied by SCALE); use of
SIZE and or SCALE is optional.
bd =
A twos-complement base displacement; when present, size can be 16 or 32 bits.
od =
Outer displacement added as part of effective address calculation after any memory indirection; use is
optional with a size of 16 or 32 bits.
PC =
Program counter.
(data)
=
Immediate value of 8, 16 or 32 bits.
( ) =
Effective address.
[ ]
=
Used as indirect address to long-word address.
–
Instruction Set Overview
Table 19. Addressing Modes
Addressing Modes
Syntax
Register Direct
Date Register Direct
Address Register Direct
Dn
An
Register Indirect
Address Register Indirect
Address Register Indirect With Postincrement
Address Register Indirect With Predecrement
Address Register Indirect With Displacement
(An)
(An)
(An)
(d
16, An)
Register Indirect With Index
Address Register Indirect With Index (8-bit Displacement)
Address Register Indirect With Index (Base Displacement)
(d
8, An, Xn)
(bd, An, Xn)
Memory Indirect
Memory Indirect Postincrement
Memory Indirect Preindexed
([bd, An], Xn, od)
([bd, An, Xn], od)
Program Counter Indirect With Displacement
(d
16, PC)
Program Counter Indirect With Index
PC Indirect With Index (8-bit Displacement)
PC Indirect With Index (Base Displacement
(d
8, PC, Xn)
(bd, PC, Xn)
Program Counter Memory Indirect
PC Memory Indirect Postindexed
PC Memory Indirect Preindexed
([bd, PC], Xn, od)
([bd, PC, Xn], od)
Absolute
Absolute Short
Absolute Long
xxx.W
xxx.L
Immediate
# (data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com