công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS68040MFD/T33A bảng dữ liệu(PDF) 19 Page - ATMEL Corporation

tên linh kiện TS68040MFD/T33A
Giải thích chi tiết về linh kiện  Third- Generation 32-bit Microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040MFD/T33A bảng dữ liệu(HTML) 19 Page - ATMEL Corporation

Back Button TS68040MFD/T33A Datasheet HTML 15Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 16Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 17Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 18Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 19Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 20Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 21Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 22Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
19
TS68040
2116A–HIREL–09/02
Notes:
1. All testing to be performed using worst-case test conditions unless otherwise specified.
2. Maximum operating junction temperature (T
J) = +125°. Minimum case operating temperature (TC) = -55°. This device is not
tested at T
C = +125°. Testing is performed by setting the junction temperature TJ = +125°and allowing the case and ambient
temperatures to rise and fall as necessary so as not to exceed the maximum junction temperature.
3. Capacitance is periodically sampled rather than 100% tested.
4. Power dissipation may vary in between limits depending on the application.
Dynamic Characteristics
Notes:
1. All testing to be performed using worst-case test conditions unless otherwise specified.
2. Maximum operating junction temperature (T
J) = +125°. Minimum case operating temperature (TC) = -55°. This device is not
tested at TC = +125°. Testing is performed by setting the junction temperature TJ = +125°and allowing the case and ambient
temperatures to rise and fall as necessary so as not to exceed the maximum junction temperature.
3. Specification value at maximum frequency of operation.
4. If not tested, shall be guaranteed to the limits specified.
V
OL
Output Low Voltage
Larger buffers - IOL = 35 mA
Small buffers - I
OL = 5 mA
0.5
V
P
D
Power Dissipation (T
J = 125°C)
Larger Buffers Enabled
Small Buffers Enabled
7.7
6.3
W
C
in
Capacitance - Note 4
V
in = 0V, f = 1 MHz
25
pF
Table 12. Electrical Characteristics (Continued)
-55°C
≤T
C ≤TJmax; 4.75V ≤VCC ≤5.25V unless otherwise specified
(1)(2)(3)(4)
Symbol
Characteristic
Min
Max
Unit
Table 13. Clock AC Timing Specifications (see Figure 8)
-55°C
≤T
C ≤TJmax; 4.75V ≤VCC ≤5.25V unless otherwise specified
(1)(2)(3)(4)
Num
Characteristic
25 MHz
33 MHz
Unit
MinMax
MinMax
Frequency of Operation
20
25
20
33
MHz
1
PCLK Cycle Time
20
25
15
25
ns
2
PCLK Rise Time
(4)
1.7
1.7
ns
3PCLK Fall Time
(4)
1.6
1.6
ns
4
PCLK Duty Cycle Measured at 1.5V
(4)
47.5
52.5
46.67
53.33
%
4a
PCLK Pulse Width High Measured at 1.5V
(3)(4)
9.5
10.5
7
8
ns
4b
PCLK Pulse Width Low Measured at 1.5V
(3)(4)
9.5
10.5
7
8
ns
5
BCLK Cycle Time
40
50
30
60
ns
6, 7
BCLK Rise and Fall Time
4
3
ns
8
BCLK Duty Cycle Measured at 1.5V
(4)
40
60
40
60
%
8a
BCLK Pulse Width High Measured at 1.5V
(4)
16
24
12
18
ns
8b
BCLK Pulse Width Low Measured at 1.5V
(4)
16
24
12
18
ns
9
PCLK, BCLK Frequency Stability
(4)
1000
1000
ppm
10
PCLK to BCLK Skew
9
n/a
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com