công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS68040MFD/T33A bảng dữ liệu(PDF) 24 Page - ATMEL Corporation

tên linh kiện TS68040MFD/T33A
Giải thích chi tiết về linh kiện  Third- Generation 32-bit Microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040MFD/T33A bảng dữ liệu(HTML) 24 Page - ATMEL Corporation

Back Button TS68040MFD/T33A Datasheet HTML 20Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 21Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 22Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 23Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 24Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 25Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 26Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 27Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
24
TS68040
2116A–HIREL–09/02
Notes:
1. All testing to be performed using worst-case test conditions unless otherwise specified.
2. Maximum operating junction temperature (T
J) = +125°. Minimum case operating temperature (TC) = -55°. This device is not
tested at TC = +125°. Testing is performed by setting the junction temperature TJ = +125° and allowing the case and ambient
temperatures to rise and fall as necessary so as not to exceed the maximum junction temperature.
Switching Test Circuit
and Waveforms
Figure 10. Address and Data Bus Timing — Multiplexed Bus Mode
Table 17. Boundary Scan Instruction Codes
Bit 2
Bit 1
Bit 0
Instruction Selected
Test Data Register Accessed
0
0
0
Extest
Boundary Scan
001
Highz
Bypass
0
1
0
Sample/Preload
Boundary Scan
0
1
1
DRVCTLT
Boundary Scan
1
0
0
Shutdown
Bypass
1
0
1
Private
Bypass
1
1
0
DRVCTLS
Boundary Scan
1
1
1
Bypass
Bypass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com