công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS68040MFD/T33A bảng dữ liệu(PDF) 12 Page - ATMEL Corporation

tên linh kiện TS68040MFD/T33A
Giải thích chi tiết về linh kiện  Third- Generation 32-bit Microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040MFD/T33A bảng dữ liệu(HTML) 12 Page - ATMEL Corporation

Back Button TS68040MFD/T33A Datasheet HTML 8Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 9Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 10Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 11Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 12Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 13Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 14Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 15Page - ATMEL Corporation TS68040MFD/T33A Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
12
TS68040
2116A–HIREL–09/02
To calculate the specific power dissipation of a specific design, the termination method
of each signal must be considered. For example, a signal output that is not connected
would not dissipate any additional power if it were configured in the large buffer rather
than the small buffer mode.
Relationships Between
Thermal Resistances and
Temperatures
Since the maximum operating junction temperature has been specified to be 125°C.
The maximum case temperature, TC, in °C can be obtained from:
T
C = TJ - PD · ΦJC
(2)
where:
T
C
= Maximum case temperature
T
J
= Maximum junction temperature
P
D
= Maximum power dissipation of the device
Φ
JC
= Thermal resistance between the junction of the die and the case
In general, the ambient temperature, T
A, in °C is a function of the following formula:
T
A = TJ - PD · ΦJC - PD · ΦCA
(3)
Where the thermal resistance from case to ambient,
Φ
CA, is the only user-dependent
parameter once a buffer output configuration has been determined. As seen from equa-
tion (3), reducing the case to ambient thermal resistance increases the maximum
operating ambient temperature. Therefore, by utilizing such methods as heat sinks and
ambient air cooling to minimize the
Φ
CA, a higher ambient operating temperature and/or
a lower junction temperature can be achieved.
However, an easier approach to thermal evaluation uses the following formulas:
T
A = TJ - PD · ΦJA
(4)
or alternatively,
T
J = TA - PD · ΦJA
(5)
where:
Φ
JA = thermal resistance from the junction to the ambient (ΦJC + ΦCA).
This total thermal resistance of a package,
Φ
JA, is a combination of its two components,
Φ
JC and ΦCA. These components represent the barrier to heat flow from the semicon-
ductor junction to the package (case) surface (
Φ
JC) and from the case to the outside
ambient (
Φ
JC). Although ΦJC is device related and cannot be influenced by the user, ΦCA
is user dependent. Thus, good thermal management by the user can significantly
reduce
Φ
CA achieving either a lower semiconductor junction temperature or a higher
ambient operating temperature.
Thermal Management
Techniques
To attain a reasonable maximum ambient operating temperature, a user must reduce
the barrier to heat flow from the semiconductor junction to the outside ambient (
Φ
JA).
The only way to accomplish this is to significantly reduce
Φ
CA by applying such thermal
management techniques as heat sinks and ambient air cooling.
The following paragraphs discuss some results of a thermal study of the TS68040
device without using any thermal management techniques; using only air-flow cooling,
using only a heat sink, and using heat sink combined with air-flow cooling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com