công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC908AP16CFB bảng dữ liệu(PDF) 133 Page - Motorola, Inc

tên linh kiện MC68HC908AP16CFB
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB bảng dữ liệu(HTML) 133 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 129Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 130Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 131Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 132Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 133Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 134Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 135Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 136Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 137Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 440 page
background image
System Integration Module (SIM)
Reset and System Initialization
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
133
9.2.3 Clocks in Stop Mode and Wait Mode
Upon exit from stop mode by an interrupt, break, or reset, the SIM allows
ICLK to clock the SIM counter. The CPU and peripheral clocks do not
become active until after the stop delay timeout. This timeout is
selectable as 4096 or 32 ICLK cycles. (See 9.6.2 Stop Mode.)
In wait mode, the CPU clocks are inactive. The SIM also produces two
sets of clocks for other modules. Refer to the wait mode subsection of
each module to see if the module is active or inactive in wait mode.
Some modules can be programmed to be active in wait mode.
9.3 Reset and System Initialization
The MCU has these reset sources:
•
Power-on reset module (POR)
•
External reset pin (RST)
•
Computer operating properly module (COP)
•
Low-voltage inhibit module (LVI)
•
Illegal opcode
•
Illegal address
All of these resets produce the vector $FFFE:$FFFF ($FEFE:$FEFF in
monitor mode) and assert the internal reset signal (IRST). IRST causes
all registers to be returned to their default values and all modules to be
returned to their reset states.
An internal reset clears the SIM counter (see 9.4 SIM Counter), but an
external reset does not. Each of the resets sets a corresponding bit in
the SIM reset status register (SRSR). (See 9.7 SIM Registers.)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com