công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC908AP16CFB bảng dữ liệu(PDF) 68 Page - Motorola, Inc

tên linh kiện MC68HC908AP16CFB
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB bảng dữ liệu(HTML) 68 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 64Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 65Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 66Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 67Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 68Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 69Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 70Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 71Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 72Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 440 page
background image
Configuration & Mask Option Registers
Data Sheet
MC68HC908AP Family — Rev. 2.5
68
MOTOROLA
LVIPWRD — VDD LVI Circuit Disable Bit
LVIPWRD disables the VDD LVI circuit. (See Section 22. Low-
Voltage Inhibit (LVI).)
1 = VDD LVI circuit disabled
0 = VDD LVI circuit enabled
LVIREGD — VREG LVI Circuit Disable Bit
LVIREGD disables the VREG LVI circuit. (See Section 22. Low-
Voltage Inhibit (LVI).)
1 = VREG LVI circuit disabled
0 = VREG LVI circuit enabled
NOTE:
If LVIPWRD=1 and LVIREGD=1, set LVIRSTD=1 before entering stop
mode.
SSREC — Short Stop Recovery Bit
SSREC enables the CPU to exit stop mode with a delay of 32 ICLK
cycles instead of a 4096 ICLK cycle delay.
1 = Stop mode recovery after 32 ICLK cycles
0 = Stop mode recovery after 4096 ICLK cycles
NOTE:
Exiting stop mode by pulling reset will result in the long stop recovery.
If using an external crystal oscillator, do not set the SSREC bit.
When the LVI is disabled in stop mode (LVISTOP=0), the system
stabilization time for long stop recovery (4096 ICLK cycles) gives a delay
longer than the LVI’s turn-on time. There is no period where the MCU is
not protected from a low power condition. However, when using the
short stop recovery configuration option, the 32 ICLK delay is less than
the LVI’s turn-on time and there exists a period in start-up where the LVI
is not protecting the MCU.
STOP — STOP Instruction Enable Bit
STOP enables the STOP instruction.
1 = STOP instruction enabled
0 = STOP instruction treated as illegal opcode
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com