công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC908AP16CFB bảng dữ liệu(PDF) 67 Page - Motorola, Inc

tên linh kiện MC68HC908AP16CFB
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB bảng dữ liệu(HTML) 67 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 63Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 64Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 65Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 66Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 67Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 68Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 69Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 70Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 71Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 440 page
background image
Configuration & Mask Option Registers (CONFIG & MOR)
Configuration Register 1 (CONFIG1)
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
67
The mask option register (MOR) is used for selecting one of the three
clock options for the MCU. The MOR is a byte located in FLASH
memory, and is written to by a FLASH programming routine.
5.3 Configuration Register 1 (CONFIG1)
COPRS — COP Rate Select Bit
COPRS selects the COP time out period. Reset clears COPRS. (See
Section 21. Computer Operating Properly (COP).)
1 = COP time out period = 213 – 24 ICLK cycles
0 = COP time out period = 218 – 24 ICLK cycles
LVISTOP — LVI Enable in Stop Mode Bit
When the LVIPWRD or LVIREGD bit is clear, setting the LVISTOP bit
enables the LVI to operate during stop mode. Reset clears LVISTOP.
(See Section 22. Low-Voltage Inhibit (LVI).)
1 = LVI enabled during stop mode
0 = LVI disabled during stop mode
NOTE:
If LVISTOP=0, set LVIRSTD=1 before entering stop mode.
LVIRSTD — LVI Reset Disable Bit
LVIRSTD disables the reset signal from the LVI module. (See
Section 22. Low-Voltage Inhibit (LVI).)
1 = LVI module resets disabled
0 = LVI module resets enabled
Address:
$001F
Bit 7
654321
Bit 0
Read:
COPRS
LVISTOP LVIRSTD LVIPWRD LVIREGD
SSREC
STOP
COPD
Write:
Reset:
00000000
Figure 5-2. Configuration Register 1 (CONFIG1)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com