| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC68HC908AP16CFB bảng dữ liệu(PDF) 85 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC908AP16CFB bảng dữ liệu(HTML) 85 Page - Motorola, Inc |
|
85 / 440 page ![]() Central Processor Unit (CPU) Opcode Map MC68HC908AP Family — Rev. 2.5 Data Sheet MOTOROLA 85 INC opr INCA INCX INC opr,X INC ,X INC opr,SP Increment M ← (M) + 1 A ← (A) + 1 X ← (X) + 1 M ← (M) + 1 M ← (M) + 1 M ← (M) + 1 –– – DIR INH INH IX1 IX SP1 3C 4C 5C 6C 7C 9E6C dd ff ff 4 1 1 4 3 5 JMP opr JMP opr JMP opr,X JMP opr,X JMP ,X Jump PC ← Jump Address ––– ––– DIR EXT IX2 IX1 IX BC CC DC EC FC dd hh ll ee ff ff 2 3 4 3 2 JSR opr JSR opr JSR opr,X JSR opr,X JSR ,X Jump to Subroutine PC ← (PC) + n (n = 1, 2, or 3) Push (PCL); SP ← (SP) – 1 Push (PCH); SP ← (SP) – 1 PC ← Unconditional Address ––– ––– DIR EXT IX2 IX1 IX BD CD DD ED FD dd hh ll ee ff ff 4 5 6 5 4 LDA #opr LDA opr LDA opr LDA opr,X LDA opr,X LDA ,X LDA opr,SP LDA opr,SP Load A from M A ← (M) 0–– – IMM DIR EXT IX2 IX1 IX SP1 SP2 A6 B6 C6 D6 E6 F6 9EE6 9ED6 ii dd hh ll ee ff ff ff ee ff 2 3 4 4 3 2 4 5 LDHX #opr LDHX opr Load H:X from M H:X ← (M:M + 1) 0–– – IMM DIR 45 55 ii jj dd 3 4 LDX #opr LDX opr LDX opr LDX opr,X LDX opr,X LDX ,X LDX opr,SP LDX opr,SP Load X from M X ← (M) 0–– – IMM DIR EXT IX2 IX1 IX SP1 SP2 AE BE CE DE EE FE 9EEE 9EDE ii dd hh ll ee ff ff ff ee ff 2 3 4 4 3 2 4 5 LSL opr LSLA LSLX LSL opr,X LSL ,X LSL opr,SP Logical Shift Left (Same as ASL) –– DIR INH INH IX1 IX SP1 38 48 58 68 78 9E68 dd ff ff 4 1 1 4 3 5 LSR opr LSRA LSRX LSR opr,X LSR ,X LSR opr,SP Logical Shift Right –– 0 DIR INH INH IX1 IX SP1 34 44 54 64 74 9E64 dd ff ff 4 1 1 4 3 5 Table 6-1. Instruction Set Summary (Sheet 5 of 8) Source Form Operation Description Effect on CCR VH I N Z C C b0 b7 0 b0 b7 C 0 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |