công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC908AP16CFB bảng dữ liệu(PDF) 137 Page - Motorola, Inc

tên linh kiện MC68HC908AP16CFB
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB bảng dữ liệu(HTML) 137 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 133Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 134Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 135Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 136Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 137Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 138Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 139Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 140Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 141Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 440 page
background image
System Integration Module (SIM)
Reset and System Initialization
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
137
9.3.2.3 Illegal Opcode Reset
The SIM decodes signals from the CPU to detect illegal instructions. An
illegal instruction sets the ILOP bit in the SIM reset status register
(SRSR) and causes a reset.
If the stop enable bit, STOP, in the mask option register is logic 0, the
SIM treats the STOP instruction as an illegal opcode and causes an
illegal opcode reset. The SIM actively pulls down the RST pin for all
internal reset sources.
9.3.2.4 Illegal Address Reset
An opcode fetch from an unmapped address generates an illegal
address reset. The SIM verifies that the CPU is fetching an opcode prior
to asserting the ILAD bit in the SIM reset status register (SRSR) and
resetting the MCU. A data fetch from an unmapped address does not
generate a reset. The SIM actively pulls down the RST pin for all internal
reset sources.
9.3.2.5 Low-Voltage Inhibit (LVI) Reset
The low-voltage inhibit module (LVI) asserts its output to the SIM when
the VDD voltage falls to the LVITRIPF voltage. The LVI bit in the SIM reset
status register (SRSR) is set, and the external reset pin (RST) is held low
while the SIM counter counts out 4096 + 32 ICLK cycles. Thirty-two ICLK
cycles later, the CPU is released from reset to allow the reset vector
sequence to occur. The SIM actively pulls down the RST pin for all
internal reset sources.
9.3.2.6 Monitor Mode Entry Module Reset
The monitor mode entry module reset asserts its output to the SIM when
monitor mode is entered in the condition where the reset vectors are
blank ($FF). (See Section 10. Monitor ROM (MON).) When MODRST
gets asserted, an internal reset occurs. The SIM actively pulls down the
RST pin for all internal reset sources.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com