| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6706TR bảng dữ liệu(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6706TR bảng dữ liệu(HTML) 45 Page - STMicroelectronics |
|
45 / 47 page ![]() L6706 Package mechanical data Doc ID 15698 Rev 2 45/47 21 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 27. VFQFPN-40 package dimensions Table 9. VFQFPN-40 mechanical data Dim. mm inch Min. Typ. Max. Min. Typ. Max. A 0.800 0.900 1.000 0.031 0.035 0.039 A1 0.020 0.050 0.0008 0.0019 b 0.180 0.250 0.300 0.007 0.009 0.012 D 5.900 6.000 6.100 0.232 0.236 0.240 D2 3.950 4.100 4.200 0.155 0.161 0.165 E 5.900 6.000 6.100 0.232 0.236 e 0.240 E2 3.950 4.100 4.200 0.155 0.161 0.165 e 0.500 0.020 L 0.300 0.400 0.500 id 0.012 0.015 0.018 ddd 0.080 0.003 ddd |