công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6706TR bảng dữ liệu(PDF) 44 Page - STMicroelectronics

tên linh kiện L6706TR
Giải thích chi tiết về linh kiện  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706TR bảng dữ liệu(HTML) 44 Page - STMicroelectronics

Back Button L6706TR Datasheet HTML 39Page - STMicroelectronics L6706TR Datasheet HTML 40Page - STMicroelectronics L6706TR Datasheet HTML 41Page - STMicroelectronics L6706TR Datasheet HTML 42Page - STMicroelectronics L6706TR Datasheet HTML 43Page - STMicroelectronics L6706TR Datasheet HTML 44Page - STMicroelectronics L6706TR Datasheet HTML 45Page - STMicroelectronics L6706TR Datasheet HTML 46Page - STMicroelectronics L6706TR Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
Layout guidelines
L6706
44/47
Doc ID 15698 Rev 2
points far from the load will cause a non-optimum load regulation, increasing output
tolerance. Locate current reading components close to the device. The PCB traces
connecting the reading point must use dedicated nets, routed as parallel traces in order to
avoid the pick-up of any common mode noise. It's also important to avoid any offset in the
measurement and, to get a better precision, to connect the traces as close as possible to
the sensing elements. Small filtering capacitor can be added, near the controller, between
VOUT and SGND, on the CS- line to allow higher layout flexibility. Power connections and
related connections layout.
Figure 26.
Power connections and related connections layout
Note:
Boot capacitor extra charge. systems that do not use schottky diodes might show big
negative spikes on the phase pin. This spike can be limited as well as the positive spike but
has an additional consequence: it causes the bootstrap capacitor to be over-charged. This
extra-charge can cause, in the worst case condition of maximum input voltage and during
particular transients, that boot-to-phase voltage overcomes the abs. max. ratings also
causing device failures. It is then suggested in this cases to limit this extra-charge by adding
a small resistor in series to the boot diode (see Figure 26) and by using standard and low-
capacitive diodes.
20.3
Embedding L6706 - Based VR
When embedding the VRD into the application, additional care must be taken since the
whole VRD is a switching DC/DC regulator and the most common system in which it has to
work is a digital system such as MB or similar. In fact, latest MB has become faster and
powerful: high speed data bus are more and more common and switching-induced noise
produced by the VRD can affect data integrity if not following additional layout guidelines.
Few easy points must be considered mainly when routing traces in which high switching
currents flow (high switching currents cause voltage spikes across the stray inductance of
the trace causing noise that can affect the near traces):
Keep safe guarding distance between high current switching VRD traces and data buses,
especially if high-speed data bus to minimize noise coupling. Keep safe guard distance or
filter properly when routing bias traces for I/O sub-systems that must walk near the VRD.
Possible causes of noise can be located in the PHASE connection, MOSFET gate drive and
Input voltage path (from input bulk capacitors and HS drain). Also PGND connection must
be considered if not insisting on a power ground plane. These connections must be carefully
kept far away from noise-sensitive data bus. Since the generated noise is mainly due to the
switching activity of the VRM, noise emissions depend on how fast the current switches. To
reduce noise emission levels, it is also possible, in addition to the previous guidelines, to
reduce the current slope by properly tuning the HS gate resistor and the PHASE snubber
network.
L
CIN
VIN
UGATE
PHASE
LGATE
PGND
LOAD
BOOT
PHASE
VCC
SGND
+Vcc
L
CIN
VIN
LOAD
To limit C
BOOT
Extra-Charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com