công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6706TR bảng dữ liệu(PDF) 27 Page - STMicroelectronics

tên linh kiện L6706TR
Giải thích chi tiết về linh kiện  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706TR bảng dữ liệu(HTML) 27 Page - STMicroelectronics

Back Button L6706TR Datasheet HTML 23Page - STMicroelectronics L6706TR Datasheet HTML 24Page - STMicroelectronics L6706TR Datasheet HTML 25Page - STMicroelectronics L6706TR Datasheet HTML 26Page - STMicroelectronics L6706TR Datasheet HTML 27Page - STMicroelectronics L6706TR Datasheet HTML 28Page - STMicroelectronics L6706TR Datasheet HTML 29Page - STMicroelectronics L6706TR Datasheet HTML 30Page - STMicroelectronics L6706TR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
L6706
Load transient boost technology
Doc ID 15698 Rev 2
27/47
●
Gain design. Through the LTBGAIN pin it is possible to modify the slope of the LTB
Ramp in order to modulate the entity of the LTB response once the LT has been
detected. In fact, the response depends on the board design and its parasites requiring
different actions from the controller.
Connect RLTBGAIN to SGND using the following relationship in order to select the
default value (slope of the LTB ramp equal to 1/2 of the OSC ramp slope).
Where FSW is the selected switching frequency (in kHz).
LTB Technology™ design tips.
–
Decrease RLTB to increase the system sensitivity making the system sensitive to
smaller dVOUT.
–
Increase CLTB to increase the system sensitivity making the system sensitive to
higher dV/dt.
–
Decrease RLTBGAIN to decrease the width of the LTB pulse reducing the system
ring-back or vice versa.
Figure 11.
LTB connection (left) and waveform (right)
R
LTBGAIN kΩ
[]
2 1240 10
3
⋅⋅
20
Fsw kHz
[] 200
–
10
--------------------------------------------
⎝⎠
⎛⎞
+
--------------------------------------------------------------------
=
LTB
To VCC_Core
RLTB
CLTB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47