| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6706TR bảng dữ liệu(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6706TR bảng dữ liệu(HTML) 26 Page - STMicroelectronics |
|
26 / 47 page ![]() Load transient boost technology L6706 26/47 Doc ID 15698 Rev 2 11 Load transient boost technology LTB Technology™ further enhances the performances of dual-edge asynchronous systems by reducing the system latencies and immediately turning ON the phase to provide the correct amount of energy to the load. By properly designing the LTB network, as well as the LTB gain, the undershoot and the ring-back can be minimized also optimizing the output capacitors count. LTB Technology™ monitors the output voltage through a dedicated pin (see Figure 11) detecting Load-Transients with selected dV/dt and turning-on immediately the phase. It then implements a parallel independent loop that (bypassing error amplifier (E/A) latencies) reacts to load-transients in very short time (< 150 ns). LTB Technology™ control loop is reported in Figure 10. Figure 10. LTB Technology™ control loop The LTB detector is able to detect output load transients by coupling the output voltage through an RLTB - CLTB network. After detecting a load transient, the LTB ramp is reset and then compared with the COMP pin level. The resulting duty-cycle programmed is then OR- ed with the PWM signal by-passing the main control loop. The phase will then be turned-on and the EA latencies results bypassed as well. Short LTB pin to SGND to disable the LTB Technology™: in this condition the device works as a dual-edge asynchronous PWM controller. Sensitivity of the load transient detector and the gain of the LTB ramp can be programmed in order to control precisely both the undershoot and the ring-back. ● Detector design. RLTB - CLTB is design according to the output voltage deviation dVOUT which is desired the controller to be sensitive as follow: Ref FB COMP VSEN PWM L ESR CO d VCOMP VOUT ZF(s) ZFB(s) Monitor RLTB CLTB PWM_BOOST LTB Ramp LTB LT Detect LT Detect VPROG GND DROP RECOVERY RLTBGAIN LTBGAIN R LTB dV OUT 25 μA ------------------ = C LTB 1 2 π R LTB F SW ⋅⋅ ----------------------------------------- = |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |