công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6706TR bảng dữ liệu(PDF) 33 Page - STMicroelectronics

tên linh kiện L6706TR
Giải thích chi tiết về linh kiện  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706TR bảng dữ liệu(HTML) 33 Page - STMicroelectronics

Back Button L6706TR Datasheet HTML 29Page - STMicroelectronics L6706TR Datasheet HTML 30Page - STMicroelectronics L6706TR Datasheet HTML 31Page - STMicroelectronics L6706TR Datasheet HTML 32Page - STMicroelectronics L6706TR Datasheet HTML 33Page - STMicroelectronics L6706TR Datasheet HTML 34Page - STMicroelectronics L6706TR Datasheet HTML 35Page - STMicroelectronics L6706TR Datasheet HTML 36Page - STMicroelectronics L6706TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
L6706
Soft-start
Doc ID 15698 Rev 2
33/47
Note:
Connecting SSOSC pin to SGND through only the RFLIM_SS resistor (blue one network in
Figure 14), the soft-start time depends on the FLIMIT selected.
In this case use the following relationship to select FLIMIT and as a consequence the soft-
start time:
Figure 16.
Soft-start time (TSS) vs FLIMIT when using RFLIM_SS resistor versus SGND
14.1
Low-side-less startup
In order to avoid any kind of negative undershoot on the load side during startup, L6706
performs a special sequence in enabling LS driver to switch: during the soft-start phase, the
LS driver results disabled (LS = OFF) until the HS starts to switch. This avoid the dangerous
negative spike on the output voltage that can happen if starting over a pre-biased output
(see Figure 17).
This particular feature of the device masks the LS turn-on only from the control loop point of
view: protections are still allowed to turn-ON the LS MOSFET in case of over voltage if
needed.
Figure 17.
Low-side-less startup comparison.WITH LS-Less startup
R
FLIM
SS
–
k
Ω
[]
2.11 10
4
⋅
F
LIMIT kHz
[]
---------------------------------
=
T
D2 μs
[]
5.275 10
5
⋅
F
LIMIT kHz
[]
---------------------------------
=
VOUT
VOUT
LGATE
LGATE
WITHOUT LS-Less startup
WITH LS-Less startup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com