| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNETV2501INPGF bảng dữ liệu(PDF) 181 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV2501INPGF bảng dữ liệu(HTML) 181 Page - Texas Instruments |
|
181 / 197 page ![]() Electrical Specifications 181 December 2002 − Revised November 2008 SPRS206K HCS HPI.HAS HR/W HPI.HBIL DS HPI.HD[7:0] HRDY H2 H3 H1 H37 H9 H10 H14 H2 H38 H12 H11 H12 H11 H12 H11 H13 H7 H6 H1 H3 H13 H37 H9 H10 H36 HCNTL[1:0] H12 H11 H12 H11 H12 NOTE: Depending on the type of write or read operation (HPID without auto-incrementing, HPIA, HPIC, or HPID with auto-incrementing) and the state of the FIFO, transitions on HRDY may or may not occur [see the TMS320VC5501/5502 DSP Host Port Interface (HPI) Reference Guide (literature number SPRU620)]. H11 Figure 5−39. Multiplexed Read Timings Using HPI.HAS |