| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320VC5421 bảng dữ liệu(PDF) 86 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC5421 bảng dữ liệu(HTML) 86 Page - Texas Instruments |
|
86 / 104 page ![]() Electrical Specifications 86 December 1999 − Revised October 2008 SPRS098D 5.14.3 McBSP General-Purpose I/O Timing The following timing requirements and switching characteristics tables assume testing over recommended operating conditions (see Figure 5−22). Table 5−25. McBSP General-Purpose I/O Timing Requirements MIN MAX UNIT tsu(BGPIO-COH) Setup time, BGPIOx input mode before CLKOUT high† 9 ns th(COH-BGPIO) Hold time, BGPIOx input mode after CLKOUT high† 0 ns † BGPIOx refers to BCLKRx, BFSRx, BDRx, BCLKXx, or BFSXx when configured as a general-purpose input. Table 5−26. McBSP General-Purpose I/O Switching Characteristics PARAMETER MIN MAX UNIT td(COH-BGPIO) Delay time, CLKOUT high to BGPIOx output mode‡ −5 5 ns ‡ BGPIOx refers to BCLKRx, BFSRx, BCLKXx, BFSXx, or BDXx when configured as a general-purpose output. tsu(BGPIO-COH) th(COH-BGPIO) td(COH-BGPIO) CLKOUT BGPIOx Input Mode† BGPIOx Output Mode‡ † BGPIOx refers to BCLKRx, BFSRx, BDRx, BCLKXx, or BFSXx when configured as a general-purpose input. ‡ BGPIOx refers to BCLKRx, BFSRx, BCLKXx, BFSXx, or BDXx when configured as a general-purpose output. Figure 5−22. McBSP General-Purpose I/O Timings |