công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320VC5421 bảng dữ liệu(PDF) 80 Page - Texas Instruments

tên linh kiện TMS320VC5421
Giải thích chi tiết về linh kiện  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 bảng dữ liệu(HTML) 80 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 76Page - Texas Instruments TMS320VC5421 Datasheet HTML 77Page - Texas Instruments TMS320VC5421 Datasheet HTML 78Page - Texas Instruments TMS320VC5421 Datasheet HTML 79Page - Texas Instruments TMS320VC5421 Datasheet HTML 80Page - Texas Instruments TMS320VC5421 Datasheet HTML 81Page - Texas Instruments TMS320VC5421 Datasheet HTML 82Page - Texas Instruments TMS320VC5421 Datasheet HTML 83Page - Texas Instruments TMS320VC5421 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 104 page
background image
Electrical Specifications
80
December 1999 − Revised October 2008
SPRS098D
5.13 General-Purpose I/O Timing
The following timing requirements and switching characteristics tables assume testing over recommended
operating conditions (see Figure 5−18).
Table 5−19. General-Purpose I/O Timing Requirements
MIN
MAX
UNIT
tsu(GPIO-COH)
Setup time, GPIOx input valid before CLKOUT high, GPIOx configured as
general-purpose input.
7
ns
th(GPIO-COH)
Hold time, GPIOx input valid after CLKOUT high, GPIOx configured as general-purpose
input.
0
ns
Table 5−20. General-Purpose I/O Switching Characteristics
PARAMETER
MIN
MAX
UNIT
td(COH-GPIO)
Delay time, CLKOUT high to GPIOx output change. GPIOx configured as
general-purpose output.
−1
5
ns
GPIOx Input Mode
CLKOUT
th(GPIO-COH)
GPIOx Output Mode
tsu(GPIO-COH)
td(COH-GPIO)
Figure 5−18. GPIO Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More