công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320VC5421 bảng dữ liệu(PDF) 17 Page - Texas Instruments

tên linh kiện TMS320VC5421
Giải thích chi tiết về linh kiện  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 13Page - Texas Instruments TMS320VC5421 Datasheet HTML 14Page - Texas Instruments TMS320VC5421 Datasheet HTML 15Page - Texas Instruments TMS320VC5421 Datasheet HTML 16Page - Texas Instruments TMS320VC5421 Datasheet HTML 17Page - Texas Instruments TMS320VC5421 Datasheet HTML 18Page - Texas Instruments TMS320VC5421 Datasheet HTML 19Page - Texas Instruments TMS320VC5421 Datasheet HTML 20Page - Texas Instruments TMS320VC5421 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 104 page
background image
Introduction
17
December 1999 − Revised October 2008
SPRS098D
Table 2−2. Terminal Assignments for the 144-Pin MicroStar BGA
SIGNAL NAME
SIGNAL NAME
BALL
SIGNAL NAME
SIGNAL NAME
BALL
(NONMULTIPLEXED)
(MULTIPLEXED)
NO.
(NONMULTIPLEXED)
(MULTIPLEXED)
NO.
PPD7
HD7
A1
PPA8
HA8
B1
DVDD
C1
A_NMI
D1
A_RS
E1
CVDD
F1
A_BDR1
G1
CVDD
H1
A_XF
J1
TMS
K1
EMU1/OFF
L1
EMU0
M1
VSS
N1
PPD0
HD0
A2
VSS
B2
PPA0
A_HINT/HA0
C2
A_INT1
D2
A_GPIO1
E2
VSS
F2
A_BFSR1
G2
VSS
H2
A_CLKOUT
J2
TDI
K2
DVDD
L2
TDO
M2
PPD15
HD15
N2
PPD6
HD6
A3
PPD4
HD4
B3
PPD5
HD5
C3
PPD1
HD1
D3
A_GPIO2/BIO
E3
VSS
F3
A_BCLKR1
G3
A_BDX1
H3
HOLDA
J3
TRST
K3
A_INT0
L3
PPD14
HD14
M3
VSS
N3
A_BFSR2
A4
A_BDX2
B4
A_BFSX2
C4
PPA9
HA9
D4
IOSTRB
A_GPIO3/A_TOUT
E4
A_GPIO0
A_ROMEN
F4
A_BFSX1
G4
A_BCLKX1
H4
TCK
J4
PPD13
HD13
K4
PPD12
HD12
L4
A_BFSR0
M4
A_BDR0
N4
CVDD
A5
VSS
B5
A_BCLKR2
C5
A_BDR2
D5
A_BCLKR0
K5
A_BFSX0
L5
VSS
M5
CVDD
N5
CLKIN
A6
DVDD
B6
READY
HRDY
C6
A_BCLKX2
D6
A_BDX0
K6
A_BCLKX0
L6
MSTRB
HCS
M6
DS
HDS2
N6
AVDD
A7
VSS
B7
VSSA
C7
HOLD
D7
DVDD
K7
B_BDX0
L7
PS
HDS1
M7
B_BCLKX0
N7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More