| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS3134 bảng dữ liệu(PDF) 176 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3134 bảng dữ liệu(HTML) 176 Page - Dallas Semiconductor |
|
176 / 203 page ![]() DS3134 176 of 203 Figure 10.3F 8-Bit Write Cycle Motorola Mode (LIM = 1) Arbitration Enabled (LARBE = 1) Bus Transaction Time = 6 LCLK (LRDY = 0110) An attempted access by the Host causes the Local Bus to request the bus. If bus access has not been granted (LBGACK* deasserted), then the timing shown at the top of the page will occur with LBR* being asserted and then once LBG* is detected, the Local Bus will grab the bus for 32 to 1048576 clocks and then release it. If the bus has already been granted (LBGACK* asserted), then the timing shown at the bottom of the page will occur. Note: LA / LD / LBHE* / LDS* / LR/W* are tri-stated. LCLK LBR* LBG* LBGACK* 32 to 1048576 LCLKs lb_pm LA[19:0] LD[7:0] LD[15:8] LR/W* LDS* Address Valid Data Valid LBHE* tri-state tri-state tri-state tri-state tri-state tri-state LCLK 123456 |