| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS3134 bảng dữ liệu(PDF) 168 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3134 bảng dữ liệu(HTML) 168 Page - Dallas Semiconductor |
|
168 / 203 page ![]() DS3134 168 of 203 Local Bus Access Flowchart Figure 10.1D PCI Host Initiates a Local Bus Access Is Arbitration Enabled for the Local Bus? Is the Local Bus Granted? Is the External Local Bus Ready (LRDY*) Being Used? Normal Access Occurs Local Bus Access Progresses Local Bus Access Progresses Timer Expired? LRDY* Active? lb_fc1 Start 9 Clock Timer Set the LBE Status Bit No Yes Yes No No No Yes Yes No Yes PCI Target Retry Issued Are there 16 Clocks Remaining? No Yes Request the Bus |