công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8962B bảng dữ liệu(PDF) 14 Page - Wolfson Microelectronics plc

tên linh kiện WM8962B
Giải thích chi tiết về linh kiện  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B bảng dữ liệu(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 10Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 11Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 12Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 13Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 14Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 15Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 16Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 17Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 295 page
background image
WM8962
14
Rev 4.3
Test Conditions
MICVDD = DCVDD = DBVDD = CPVDD = AVDD = PLLVDD = 1.8V, SPKVDD1 = SPKVDD2 = 5V.
TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HPOUTL/R_VOL
Minimum programmable gain
-68
dB
Maximum programmable gain
6
dB
Volume Gain Step Size
Guaranteed monotonic
1
dB
Mute Attenuation
94
dB
HP1L/R_VOL
Minimum programmable gain
-7
dB
Maximum programmable gain
0
dB
Volume Gain Step Size
Guaranteed monotonic
1
dB
DAC to HPOUTL/R (used as Line output) with 10k
 / 50pF load: Low Power headphone playback mode (Note 3)
Full scale output voltage
HPOUTL/R_VOL = 0dB
0.96
Vrms
Signal to Noise Ratio
(A-weighted)
SNR
87
97
dB
Total Harmonic Distortion Plus
Noise
THD+N
10k
 load
-84
-74
dB
Channel Separation
1kHz full scale signal
93
dB
10kHz full scale signal
86
PSRR (AVDD)
100mV(peak-peak) 1kHz
70
dB
100mV(peak-peak) 20kHz
65
DC offset
DC servo is enabled
0
+/-1.2
mV
DAC to HPOUTL/R (used as Line output) with 10k
 / 50pF load: High Performance headphone playback mode (Note 3)
Signal to Noise Ratio
(A-weighted)
SNR
87
98
dB
Total Harmonic Distortion Plus
Noise
THD+N
10k
 load
-84
-74
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com