công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8962B bảng dữ liệu(PDF) 48 Page - Wolfson Microelectronics plc

tên linh kiện WM8962B
Giải thích chi tiết về linh kiện  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B bảng dữ liệu(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 44Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 45Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 46Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 47Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 48Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 49Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 50Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 51Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 52Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 295 page
background image
WM8962
48
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R31 (1Fh)
Input mixer
control (1)
1
MIXINL_ENA
0
Left Input Mixer Enable
0 = Disabled
1 = Enabled
Note that the Left Input Mixer is also
enabled when INL_ENA is set
0
MIXINR_ENA
0
Right Input Mixer Enable
0 = Disabled
1 = Enabled
Note that the Right Input Mixer is also
enabled when INR_ENA is set
Table 9 Input Mixer Enable
INPUT MIXER CONFIGURATION AND VOLUME CONTROL
The analogue input mixers MIXINL and MIXINR can be configured to take input from the input PGAs
and also directly from the IN2 and IN3 inputs pins.
The Input Boost Mixer configuration and volume controls are described in Table 10 for the Left input
boost-mixer (MIXINL) and Table 11 for the Right input boost-mixer (MIXINR).
Note that the available mixer gain settings for the IN2 and IN3 paths are different to the input PGA
signal paths. The IN2 and IN3 signal paths can be controlled from -12dB to +6dB. The input PGA
signal paths can be controlled from 0dB to +29dB.
To prevent pop noise, it is recommended that gain and mute controls for the input boost mixers are
not modified while the signal paths are active. If volume control is required on these signal paths, it is
recommended that this is implemented using the input PGA volume controls or the ADC volume
controls. The ADC volume contro
ls are described in the “Analogue To Digital Converter (ADC)”
section.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R31 (1Fh)
Input mixer
control (1)
3
MIXINL_MUTE
0
Left input boost-mixer mute
0 = Un-mute
1 = Mute
R32 (20h)
Left input
mixer
volume
8:6
IN2L_MIXINL_VOL [2:0]
101
Left input IN2L to Left input
Boost-Mixer Gain
000 = -12dB
001 = -12dB
010 = -9dB
011 = -6dB
100 = -3dB
101 = 0dB
110 = +3dB
111 = +6dB
5:3
INPGAL_MIXINL_VOL
[2:0]
000
Left input PGA to Left input
Boost-Mixer Gain
000 = 0dB
001 = +6dB
010 = +13dB
011 = +18dB
100 = +20dB
101 = +24dB
110 = +27dB
111 = +29dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com