công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8962B bảng dữ liệu(PDF) 93 Page - Wolfson Microelectronics plc

tên linh kiện WM8962B
Giải thích chi tiết về linh kiện  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B bảng dữ liệu(HTML) 93 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 89Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 90Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 91Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 92Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 93Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 94Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 95Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 96Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 97Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 295 page
background image
WM8962
Rev 4.3
93
The polarity of each ADC output signal can be changed under software control using the
ADCR_DAT_INV and ADCL_DAT_INV register bits. The ADC_LRSWAP register bit may be used to
swap the left and right digital audio interface data. These register bits are described in Table 46.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
ADC & DAC
Control 1
6
ADCR_DAT_INV
0
Right ADC Invert
0 = Right ADC output not inverted
1 = Right ADC output inverted
5
ADCL_DAT_INV
0
Left ADC Invert
0 = Left ADC output not inverted
1 = Left ADC output inverted
R7 (07h)
Audio
Interface 0
8
ADC_LRSWAP
0
Swap left/right ADC data on the
interface
0 = Normal
1 = ADCDAT channels swapped
Table 46 ADC Routing and Control
The input data source for each DAC can be controlled using the DAC_LRSWAP register bit; this
swaps the left and right channel input data within the digital audio interface. The polarity of each DAC
input may also be modified using register bits DACR_DAT_INV and DACL_DAT_INV. These register
bits are described in Table 47.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
ADC & DAC
Control 2
6
DACR_DAT_INV
0
Right DAC Invert
0 = Right DAC input not inverted
1 = Right DAC input inverted
5
DACL_DAT_INV
0
Left DAC Invert
0 = Left DAC input not inverted
1 = Left DAC input inverted
R7 (07h)
Audio
Interface 0
5
DAC_LRSWAP
0
Swap left/right DAC data on the
interface
0 = Normal
1 = DACDAT channels swapped
Table 47 DAC Routing and Control
DIGITAL SIDETONE
Digital sidetone mixing (from ADC output into DAC input) is available. Digital data from either left or
right ADC can be mixed with the audio interface data on the left and right DAC channels. Sidetone
data is taken from the ADC high-pass filter output, to reduce low frequency noise in the sidetone (e.g.
wind noise or mechanical vibration).
When using the digital sidetone, it is recommended that the ADCs are enabled before un-muting the
DACs to prevent pop noise. The DAC volumes and sidetone volumes should be set to an appropriate
level to avoid clipping at the DAC input.
When digital sidetone is used, it is recommended that the Charge Pump operates in Register Control
mode only (CP_DYN_PWR = 0). If Dynamic Control mode (CP_DYN_PWR = 1) is used, the
headphone output may
be clipped. See “Charge Pump” for details.
The digital sidetone is controlled as shown in Table 48.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com