công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8962B bảng dữ liệu(PDF) 55 Page - Wolfson Microelectronics plc

tên linh kiện WM8962B
Giải thích chi tiết về linh kiện  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B bảng dữ liệu(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 51Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 52Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 53Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 54Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 55Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 56Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 57Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 58Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 295 page
background image
WM8962
Rev 4.3
55
ALC DYNAMIC CHARACTERISTICS
The dynamic behaviour determines how quickly the ALC responds to changing signal levels. Note that
the ALC responds to the average (RMS) signal amplitude over a period of time.
The ALC_HLD field selects a delay between the detection of a peak signal level that is below the ALC
target level, and the start of the PGA gain ramping up. ALC_HLD can be set to any of the times shown
in Table 16. ALC_HLD only affects the gain ramp-up on a low level signal. There is no delay in
ramping the gain down when the signal level is above the target level. Note that it is only the start of
the gain ramp-up that is affected by the ALC_HLD setting; once the ramp-up has started, it proceeds
at the pace dictated by the ALC_DCY setting.
The ALC_DCY field determines how quickly the ALC gain increases when the signal amplitude is low.
The times specified are for the time taken per step of applied gain. The actual time taken for the
recording level to return to its target level therefore depends on both the decay rate and the gain
adjustment required. If the required gain change is small, then the total decay time will be shorter than
when a larger gain change is required.
The ALC_ATK field determines how quickly the ALC gain decreases when the signal amplitude is
high. The times specified are for the time taken per step of applied attenuation. The actual time taken
for the recording level to return to its target level therefore depends on both the attack rate and the
gain adjustment required. If the required gain change is small, then the total decay time will be shorter
than when a larger gain change is required.
These register fields are described in Table 16.
The SAMPLE_RATE register field must be set correctly to ensure that the ALC attack, decay and hold
times are correct for the chosen sample rate. See the
“Clocking and Sample Rates” section for further
details of this register.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18 (12h)
ALC2
3:0
ALC_HLD [3:0]
0000
ALC Hold time before the gain
ramp-up starts
0000 = 0.00ms
0001 = 2.67ms
0010 = 5.33ms
0011 = 10.7ms
0100 = 21.3ms
0101 = 42.7ms
0110 = 85.3ms
0111 = 171ms
1000 = 341ms
1001 = 683ms
1010 = 1.37s
1011 = 2.73s
1100 = 5.46s
1101 = 10.9s
1110 = 21.8s
1111 = 43.7s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com