công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8962B bảng dữ liệu(PDF) 72 Page - Wolfson Microelectronics plc

tên linh kiện WM8962B
Giải thích chi tiết về linh kiện  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B bảng dữ liệu(HTML) 72 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 68Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 69Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 70Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 71Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 72Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 73Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 74Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 75Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 76Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 295 page
background image
WM8962
72
Rev 4.3
DISABLE ALL SOUND ENHANCEMENTS SEQUENCE
When disabling all of the sound enhancement functions (ADC ReTune, DAC ReTune, DAC 2nd order
HPF, VSS, and HD Bass), the following sequence is required:
1.
Set ADCL_VOL = 00h in Register R21 (15h), and ADCR_VOL = 00h in Register R22 (16h)
(see Table 26)
2.
Set DAC_MUTE = 1 in Register R5 (5h) (see Table 63)
3.
Set the enable bits in Register R16389 (4005h) to 0 for all sound enhancements
RTN_ADC_ENA = 0
RTN_DAC_ENA = 0
HDBASS_ENA = 0
HPF1_ENA = 0
HPF2_ENA = 0
VSS_ENA = 0
4.
Set ADCL_VOL in Register R21 (15h), and ADCR_VOL in Register R22 (16h), to their
previous values
5.
Set DAC_MUTE = 0 in Register R5 (5h) (see Table 63)
6.
Set DSP2_STOP = 1 in Register R1037 (40Dh) (see Table 30)
7.
Set DSP2_ENA = 0 in Register R768 (300h) (see Table 30).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com