công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8962B bảng dữ liệu(PDF) 46 Page - Wolfson Microelectronics plc

tên linh kiện WM8962B
Giải thích chi tiết về linh kiện  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B bảng dữ liệu(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 42Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 43Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 44Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 45Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 46Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 47Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 48Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 49Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 295 page
background image
WM8962
46
Rev 4.3
INPUT PGA VOLUME CONTROL
Each of the two Input PGAs has an independently controlled gain range of -23.25dB to +24dB in
0.75dB steps. Each Input PGA can be independently muted using the PGA mute bits as described in
Table 7, with maximum mute attenuation achieved by simultaneously disabling the corresponding
inputs described in Table 6.
To prevent "zipper noise", a zero-cross function is provided on the input paths. When this feature is
enabled, volume updates will not take place until a zero-crossing is detected. In the case of a long
period without zero-crossings, a timeout function is provided. When the zero-cross function is
enabled, the volume will update after the timeout period if no earlier zero-cross has occurred. The
timeout clock is enabled using TOCLK_ENA, the timeout period is set by TOCLK_DIV
. See “Clocking
and Sample Rates
” for more information on these fields.
The IN_VU bits control the loading of the input PGA volume data and the PGA mute functions. When
IN_VU is set to 0, the PGA volume data will be loaded into the respective control register, but will not
actually change the gain setting. The INL and INR volume settings are both updated when a 1 is
written to either IN_VU bit. Similarly, the INPGAL_MUTE and INPGAR_MUTE settings are only
effective when a 1 is written to either IN_VU bit. This makes it possible to update the gain/mute of the
left and right signal paths simultaneously.
Note that the Input PGA control has a dependency on the correct sequencing of the ALC and ADC
Enable control registers; if the correct sequences are not followed, then the Input PGA gain settings
may become fixed. See “Automatic Level Control (ALC)” for further details.
The Input PGA Volume Control register fields are described in Table 7 and Table 8.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (0h)
Left input
volume
8
IN_VU
N/A
Input PGA Volume and Mute Update
Writing a 1 to this bit will cause the INL
and INR volume and mute settings to be
updated simultaneously
7
INPGAL_M
UTE
1
Left input PGA Mute
0 = Unmuted
1 = Muted
6
INL_ZC
0
INL PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
5:0
INL_VOL
[5:0]
011111
(0dB)
Left input PGA Volume
-23.25dB to +24.00dB in 0.75dB steps.
See Table 8 for volume range.
R1 (1h)
Right input
volume
8
IN_VU
N/A
Input PGA Volume and Mute Update
Writing a 1 to this bit will cause the INL
and INR volume and mute settings to be
updated simultaneously
7
INPGAR_M
UTE
1
Right input PGA Mute
0 = Unmuted
1 = Muted
6
INR_ZC
0
INR PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
5:0
INR_VOL
[5:0]
01_1111
(0dB)
Right input PGA Volume
-23.25dB to +24.00dB in 0.75dB steps.
See Table 8 for volume range.
Table 7 Input PGA Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com