công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8962B bảng dữ liệu(PDF) 70 Page - Wolfson Microelectronics plc

tên linh kiện WM8962B
Giải thích chi tiết về linh kiện  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B bảng dữ liệu(HTML) 70 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 66Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 67Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 68Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 69Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 70Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 71Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 72Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 73Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 74Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 295 page
background image
WM8962
70
Rev 4.3
DSP SIGNAL ENHANCEMENTS
The WM8962 incorporates several advanced signal enhancement features within the digital audio
signal paths, as illustrated in Figure 23.
The ADC signal path incorporates a 2nd order High-Pass Filter (HPF), 1st order Low/High-Pass Filter
(LPF/HPF), 3D surround, DF1 Filter, ReTuneTM and Dynamic Range Control (DRC).
The DAC signal path incorporates a 5-Band EQ, Dynamic Range Control (DRC), 2nd order High-Pass
Filter (HPF), Virtual Surround Sound (VSS), HD Bass and ReTuneTM.
Note that ReTuneTM can be enabled on the ADC or DAC signal paths; it can also be enabled on both
paths at the same time, with unique coefficient sets on each path.
Dynamic Range Control (DRC) can be enabled on either the ADC path or on the DAC path, but not on
both at the same time.
Note that specific sequences must be followed when enabling or configuring ADC ReTune, DAC
ReTune, DAC 2nd order HPF, VSS, and HD Bass sound enhancement functions. Different control
sequences are applicable, depending on whether any of the advanced signal enhancements is initially
enabled or not.
The configuration parameters in registers R16896 (4200h) to R21139 (5293h) are 24-bit words,
arranged within the 16-bit register address space. Each 24-bit word must be written to the register
map in full, MSBs first, before attempting to read back the value. Failure to do this may give incorrect
read/write behaviour.
When updating the configuration parameters for any DSP feature(s), it is recommended to write all of
the associated registers, in incremental address order, before reading back any values.
ENABLE SEQUENCE - ENHANCEMENTS INITIALLY DISABLED
When enabling any of ADC ReTune, DAC ReTune, DAC 2nd order HPF, VSS, or HD Bass, the
following sequence is required.
Note that this sequence assumes that, under initial conditions, all of these enhancement functions are
disabled. A separate sequence is described for use when sound enhancement is initially enabled.
1.
MCLK must be present and configured at >= 512 fs (see Table 99)
2.
Set ADCL_VOL = 00h in Register R21 (15h), and ADCR_VOL = 00h in Register R22 (16h)
(see Table 26)
3.
Set ADCL_ENA = 0 and ADCR_ENA = 0 in Register R25 (19h) (see Table 25)
4.
Set DAC_MUTE = 1 in Register R5 (5h) (see Table 63)
5.
Set DACL_ENA = 0 and DACR_ENA = 0 in Register R26 (1Ah) (see Table 60)
6.
Set DSP2_ENA = 1 in Register R768 (300h) (see Table 30)
7.
Set the configuration parameters in registers R16896 (4200h) to R21139 (5293h)
8.
Readback the configuration parameters in registers R16896 (4200h) to R21139 (5293h)
9.
Set DSP2_RUNR = 1 in Register R1037 (40Dh) (see Table 30)
10. Set the enable bits in Register R16389 (4005h) for any required sound enhancement
RTN_ADC_ENA
RTN_DAC_ENA
HDBASS_ENA
HPF1_ENA (see note below)
HPF2_ENA (see note below)
VSS_ENA
11. Set ADCL_ENA = 1 and ADCR_ENA = 1 in Register R25 (19h), if required (see Table 25)
12. Set ADCL_VOL in Register R21 (15h), and ADCR_VOL in Register R22 (16h), to their
previous values
13. Set DACL_ENA = 1 and DACR_ENA = 1 in Register R26 (1Ah), if required (see Table 60)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com