công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8962B bảng dữ liệu(PDF) 74 Page - Wolfson Microelectronics plc

tên linh kiện WM8962B
Giải thích chi tiết về linh kiện  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B bảng dữ liệu(HTML) 74 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 70Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 71Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 72Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 73Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 74Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 75Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 76Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 77Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 78Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 295 page
background image
WM8962
74
Rev 4.3
UPDATE / READBACK SEQUENCE - ENHANCEMENTS INITIALLY DISABLED
The required control sequence to update or read back the configuration parameters differs according
to whether one or more of the sound enhancements is enabled under the initial conditions.
If ADC ReTune, DAC ReTune, DAC 2nd order HPF, VSS, or HD Bass are all disabled, then the
following sequence is required when updating or reading back the configuration parameters:
1.
MCLK must be present and configured at >= 512 fs (see Table 99)
2.
Set ADCL_VOL = 00h in Register R21 (15h), and ADCR_VOL = 00h in Register R22 (16h)
(see Table 26)
3.
Set ADCL_ENA = 0 and ADCR_ENA = 0 in Register R25 (19h) (see Table 25)
4.
Set DAC_MUTE = 1 in Register R5 (5h) (see Table 63)
5.
Set DACL_ENA = 0 and DACR_ENA = 0 in Register R26 (1Ah) (see Table 60)
6.
Set DSP2_ENA = 1 in Register R768 (300h) (see Table 30)
7.
Set the configuration parameters in registers R16896 (4200h) to R21139 (5293h)
8.
Readback the configuration parameters in registers R16896 (4200h) to R21139 (5293h)
9.
Set DSP2_ENA = 0 in Register R768 (300h) (see Table 30)
10. Set ADCL_ENA = 1 and ADCR_ENA = 1 in Register R25 (19h), if required (see Table 25)
11. Set ADCL_VOL in Register R21 (15h), and ADCR_VOL in Register R22 (16h), to their
previous values
12. Set DACL_ENA = 1 and DACR_ENA = 1 in Register R26 (1Ah), if required (see Table 60)
13. Set DAC_MUTE = 0 in Register R5 (5h) (see Table 63)
The DSP2 audio processor control registers are described in Table 30. Other registers associated
with ADC ReTune, DAC ReTune, DAC 2nd order HPF, VSS, or HD Bass are described in the
respective sections in the following pages.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R768 (R300h)
DSP2 Power
Management
0
DSP2_ENA
0
DSP2 Audio Processor Enable.
0 = Disabled
1 = Enabled
This bit must be set before any of
ADC ReTune, DAC ReTune, DAC
HPF, VSS or HD Bass is enabled. It
must remain set whenever any of
these functions is enabled.
R1037 (40Dh)
DSP2_ExecC
ontrol
2
DSP2_STOP
N/A
Stop the DSP2 audio processor
Writing a 1 to this bit will cause the
DSP2 processor to stop processing
audio data
1
DSP2_RUNR
N/A
Start the DSP2 audio processor
Writing a 1 to this bit will cause the
DSP2 processor to start processing
audio data
Table 30 DSP Signal Enhancement Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com