công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 309 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 309 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 305Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 306Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 307Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 308Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 309Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 310Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 311Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 312Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 313Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
ADDR
The Own Address field holds the first 7-bit ACCESS.bus address of this device. When in slave
mode, the first 7 bits received after a Start Condition are compared to this field (first bit received
to bit 6, and the last to bit 0). If the address field matches the received data and the SAEN bit is
set, a match is detected.
SAEN
The Slave Address Enable bit controls whether address matching is performed in slave mode.
When set, the SAEN bit indicates that the ADDR field holds a valid address and enables the
match of ADDR to an incoming address byte. When cleared, the ACB does not check for an
address match.
0 – Address matching disabled.
1 – Address matching enabled.
29.5.8 ACBn Own Address Register 2 (ACBnADDR2)
The ACBnADDR2 registers are 8-bit, read/write registers that hold the module’s second ACCESS.bus
address. After reset, their values are undefined.
7
6
0
SAEN
ADDR
ADDR
The Own Address field holds the second 7-bit ACCESS.bus address of this device. When in
slave mode, the first 7 bits received after a Start Condition are compared to this field (first bit
received to bit 6, and the last to bit 0). If the address field matches the received data and the
SAEN bit is set, a match is detected.
SAEN
The Slave Address Enable bit controls wheth- er address matching is performed in slave mode.
When set, the SAEN bit indicates that the ADDR field holds a valid address and enables the
match of ADDR to an incoming address byte. When cleared, the ACB does not check for an
address match.
0 – Address matching disabled.
1 – Address matching enabled.
29.6 Usage Notes
•
When the ACB module is disabled, the ACBnCST.BB bit is cleared. After enabling the ACB
(ACBnCTL2.ENABLE = 1) in systems with more than one master, the bus may be in the middle of a
transaction with another device, which is not reflected in the BB bit. There is a need to allow the ACB
to synchronize to the bus activity status before issuing a request to become the bus master, to prevent
bus errors. Therefore, before issuing a request to become the bus master for the first time, software
should check that there is no activity on the bus by checking the BB bit after the bus allowed timeout
period.
•
When waking up from power down, before checking the ACBnCST.MATCH bit, test the
ACBnCST.BUSY bit to make sure that the address transaction has finished.
•
The BB bit is intended to solve a deadlock in which two, or more, devices detect a usage conflict on
the bus and both devices cease being bus masters at the same time. In this situation, the BB bits of
both devices are active (because each deduces that there is another master currently performing a
transaction, while in fact no device is executing a transaction), and the bus would stay locked until
some device sends a ACBnCTL1.STOP condition. The ACBnCST.BB bit allows software to monitor
bus usage, so it can avoid sending a STOP signal in the middle of the transaction of some other
device on the bus. This bit detects whether the bus remains unused over a certain period, while the BB
bit is set.
Copyright © 2013, Texas Instruments Incorporated
Dual ACCESS.bus Interfaces
309
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com