công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 294 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 294 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 290Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 291Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 292Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 293Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 294Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 295Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 296Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 297Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 298Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
28.7.2 Microwire Module n Control Register 2 (MWnCTL2)
The MWnCTL2 registers are 16-bit, read/write registers used to enable DMA requests. At reset, all non-
reserved bits are cleared. The register format is shown below.
7
2M
1
0
Reserved
EDW
EDR
EDR
The Enable DMA Read bit controls whether a DMA request is enabled when the RBF bit in the
MWnSTAT register is set.
0 – DMA request disabled.
1 – DMA request enabled.
EDW
The Enable DMA Read bit controls whether a DMA request is enabled when the BSY bit in the
MWnSTAT register is cleared.
0 – DMA request disabled.
1 – DMA request enabled.
28.7.3 Microwire Module n Status Register (MWnSTAT)
The MWnSTAT registers are 16-bit, read-only registers that shows the current status of the Microwire
interface module. At reset, all non-reserved bits are clear. The register format is shown below.
15
3
2
1
0
Reserved
OVR
RBF
BSY
BSY
The Busy bit, when set, indicates that the Microwire shift register is busy. In master mode, the
BSY bit is set when the MWnDAT register is written. In slave mode, the bit is set on the first
leading edge of MSKn when MWCSn is asserted or when the MWnDAT register is written,
whichever occurs first. In both master and slave modes, this bit is cleared when the Microwire
data transfer sequence is completed and the read buffer is ready to receive the new data; in
other words, when the previous data held in the read buffer has already been read. If the
previous data in the read buffer has not been read and new data has been received into the shift
register, the BSY bit will not be cleared, as the transfer could not be completed because the
contents of the shift register could not be transferred into the read buffer.
0 – Shift register is not busy.
1 – Shift register is busy.
RBF
The Read Buffer Full bit, when set, indicates that the read buffer is full and ready to be read by
software. It is set when the shift register loads the read buffer, which occurs upon completion of a
transfer sequence if the read buffer is empty. The RBF bit is updated when the MWnDAT register
is read. At that time, the RBF bit is cleared if the shift register does not contain any new data (in
other words, the shift register is not receiving data or has not yet received a full byte of data). The
RBF bit remains set if the shift register already holds new data at the time that MWnDAT is read.
In that case, MWnDAT is immediately reloaded with the new data and is ready to be read by
software.
0 – Read buffer is not full.
1 – Read buffer is full.
OVR
The Receive Overrun bit, when set in master mode, indicates that a receive overrun has
occurred. An overrun occurs when the read buffer is full, the 8-bit shift register is full, and a new
data transfer sequence starts. This bit is undefined in slave mode. The OVR bit, once set,
remains set until cleared by software. Software clears this bit by writing a 1 to its bit position.
Writing a 0 to this bit position has no effect. No other bits in the MWnSTAT register are affected
by writes to the register.
0 – No receive overrun has occurred.
1 – Receive overrun has occurred.
294
Dual Microwire/SPI Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com