công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3SP33SMS/NOPB bảng dữ liệu(PDF) 278 Page - Texas Instruments

tên linh kiện CP3SP33SMS/NOPB
Giải thích chi tiết về linh kiện  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB bảng dữ liệu(HTML) 278 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 274Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 275Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 276Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 277Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 278Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 279Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 280Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 281Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 282Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
UBRK
The Force Transmission Break bit is used to force the TXD output low. Setting this bit to 1
causes the TXD pin to go low. TXD remains low until the UBRK bit is cleared by software.
0 – Normal operation.
1 – TXD pin forced low.
UCKS
The Synchronous Clock Source bit controls the clock source when the UART operates in the
synchronous mode (UMOD = 1). This functionality is only available for the UART0 module. If
the UCKS bit is set, the UART operates from an external clock provided on the CKX pin. If the
UCKS bit is clear, the UART operates from the baud rate clock produced by the UART on the
CKX pin. This bit is ignored when the UART operates in the asynchronous mode.
0 – Internal baud rate clock is used.
1 – External clock is used.
UETD
The Enable Transmit DMA bit controls whether DMA is used for UART transmit operations.
Enabling transmit DMA automatically disables transmit interrupts, without regard to the state of
the UETI bit.
0 – Transmit DMA disabled.
1 – Transmit DMA enabled.
UERD
The Enable Receive DMA bit controls whether DMA is used for UART receive operations.
Enabling receive DMA automatically disables receive interrupts, without regard to the state of
the UERI bit. Receive error interrupts are unaffected by the UERD bit.
0 – Receive DMA disabled.
1 – Receive DMA enabled.
UFCE
The Flow Control Enable bit controls whether flow control interrupts are enabled. This
functionality is only available for the UART0, UART1, and UART2 modules.
0 – Flow control interrupts disabled.
1 – Flow control interrupts enabled.
URTS
The Ready To Send bit directly controls the state of the RTS output. This functionality is only
available for the UART0, UART1, and UART2 modules.
0 – RTS output is high.
1 – RTS output is low.
27.3.4 UART Mode Select Register 2 (UnMDSL2)
The UnMDSL2 registers are 8-bit, read/write registers that control the sample mode used to recover
asynchronous data. At reset, the UnMDSL2 registers are cleared. The register format is shown below.
7
1M
0
Reserved
USMD
USMD
The USMD bit controls the sample mode for asynchronous transmission.
0 – UART determines the sample position automatically.
1 – The UnSPOS register determines the sample position.
27.3.5 UART Baud Rate Prescaler (UnPSR)
The UnPSR registers are 8-bit, read/write registers that contains the 5-bit clock prescaler and the upper
three bits of the baud rate divisor. These registers are cleared at reset. The register format is shown
below.
7
3M M2
0
UPSC
UDIV10:8
278
Dual/Quad UART
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com