công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9AFB44MB bảng dữ liệu(PDF) 127 Page - SPANSION

tên linh kiện MB9AFB44MB
Giải thích chi tiết về linh kiện  The MB9AB40NB Series are highly integrated
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AFB44MB bảng dữ liệu(HTML) 127 Page - SPANSION

Back Button MB9AFB44MB Datasheet HTML 121Page - SPANSION MB9AFB44MB Datasheet HTML 122Page - SPANSION MB9AFB44MB Datasheet HTML 123Page - SPANSION MB9AFB44MB Datasheet HTML 124Page - SPANSION MB9AFB44MB Datasheet HTML 125Page - SPANSION MB9AFB44MB Datasheet HTML 126Page - SPANSION MB9AFB44MB Datasheet HTML 127Page - SPANSION MB9AFB44MB Datasheet HTML 128Page - SPANSION MB9AFB44MB Datasheet HTML 129Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 127 / 129 page
background image
D a t a S h e e t
124
MB9AB40NB_DS706-00034-4v0-E, June 10, 2015
CONFIDENTIAL
Page
Section
Change Results
97
5.12-bit A/D Converter
•Electrical Characteristics for
the A/D Converter
•Corrected the terminal name
AN00 ~ AN23 → ANxx
•Corrected the minmum value of "Sampling time"
•Corrected the max and min value of "State transition time to
oprerationpermission"
•Corrected the footnote
107
ORDERING INFORMATON
Corrected the "Part number"
Revision 4.0
2
Features
USB Interface
Added the description of PLL for USB
57
Memory Map
· Memory map(2)
Added the summary of Flash memory sector and the note
69 - 71
Electrical Characteristics
3. DC Characteristics
(1) Current rating
· Changed the table format
· Added Main Timer mode current
· Moved A/D Converter Current
72
Electrical Characteristics
3. DC Characteristics
(2) Pin Characteristics
Added input leak current of CEC pin at power off.
76
Electrical Characteristics
5. AC Characteristics
(4-1) Operating Conditions of Main and USB
PLL
(4-2) Operating Conditions of Main PLL
Added the figure of Main PLL connection and USB PLL connection
77
Electrical Characteristics
5. AC Characteristics
(6) Power-on Reset Timing
· Added Time until releasing Power-on reset
· Changed the figure of timing
86 - 93
Electrical Characteristics
5. AC Characteristics
(9) CSIO/UART Timing
· Modified from UART Timing to CSIO/UART Timing
· Changed from Internal shift clock operation to Master mode
· Changed from External shift clock operation to Slave mode
98
Electrical Characteristics
6. 12bit A/D Converter
· Added the typical value of Integral Nonlinearity, Differential
Nonlinearity, Zero transition voltage and Full-scale transition voltage
· Added Conversion time at AVcc < 2.7V
108 - 111
Electrical Characteristics
10. Return Time from Low-Power Consumption
Mode
Added Return Time from Low-Power Consumption Mode
112, 113
Ordering Information
Changed notation of part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com