công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9AFB44MB bảng dữ liệu(PDF) 58 Page - SPANSION

tên linh kiện MB9AFB44MB
Giải thích chi tiết về linh kiện  The MB9AB40NB Series are highly integrated
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AFB44MB bảng dữ liệu(HTML) 58 Page - SPANSION

Back Button MB9AFB44MB Datasheet HTML 54Page - SPANSION MB9AFB44MB Datasheet HTML 55Page - SPANSION MB9AFB44MB Datasheet HTML 56Page - SPANSION MB9AFB44MB Datasheet HTML 57Page - SPANSION MB9AFB44MB Datasheet HTML 58Page - SPANSION MB9AFB44MB Datasheet HTML 59Page - SPANSION MB9AFB44MB Datasheet HTML 60Page - SPANSION MB9AFB44MB Datasheet HTML 61Page - SPANSION MB9AFB44MB Datasheet HTML 62Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 129 page
background image
D a t a S h e e t
June 10, 2015, MB9AB40NB_DS706-00034-4v0-E
55
CONFIDENTIAL
 Block Diagram
Cortex-M3 Core
@40 MHz(Max)
Flash I/F
Clock Reset
Generator
Dual-Timer
WatchDog Timer
(Hardware)
DMAC
8ch.
Watch Counter
Unit 0
CSV
External Interrupt
Controller
16-pin + NMI
Power-On
Reset
SRAM0
8/16 Kbyte
SRAM1
8/16 Kbyte
I
D
Sys
NVIC
WatchDog Timer
(Software)
Security
12-bit A/D Converter
Unit 1
TRSTX,TCK,
TDI,TMS
TRACEDx,
TRACECLK
AVCC,
AVSS,
AVRH
ANxx
TIOAx
TIOBx
C
TDO
SCKx
SINx
SOTx
INTx
NMIX
P0x,
P1x,
.
.
.
PEx
INITX
MODE-Ctrl
IRQ-Monitor
MD0,
MD1
Regulator
CRC
Accelerator
ADTGx
RTS4
CTS4
MADx
MADATAx
MCSXx,
MOEX,
MWEX,
MALE,
MRDY,
MCLKOUT,
MDQMx
On-Chip Flash
64+32 Kbyte/
128+32 Kbyte/
256+32 Kbyte
UDP0/UDM0
UHCONX
Multi-Function Serial I/F
8ch.
(with FIFO ch.4 to ch.7)
HW flow control(ch.4)*2
External Bus I/F*
2
GPIO
PIN-Function-Ctrl
LVD
USB2.0
(Host/
Func)
PHY
TPIU*
1
ROM
Table
ETM*
1
SWJ-DP
CEC0,CEC1
VVx
COMx,
SEGx
LVD Ctrl
Base Timer
16-bit 8ch./
32-bit 4ch.
HDMI-CEC/
Remote Reciver Control
Real-Time Clock
LCDC
RTCCO,
SUBOUT
USB Clock Ctrl
PLL
Deep Standby Ctrl
WKUPx
CLK
X0
X1
X0A
X1A
Main
Osc
PLL
Sub
Osc
CR
4 MHz
CR
100 kHz
CROUT
Source Clock
*1: For the MB9AFB41LB/MB, MB9AFB42LB/MB, and MB9AFB44LB/MB, ETM is not available.
*2: For the MB9AFB41LB, MB9AFB42LB and MB9AFB44LB, the External Bus Interface is not available.
And the Multi-function Serial Interface does not support hardware flow control in these products.
 Memory Size
See Memory size in Product Lineup to confirm the memory size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com