công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9AFB44MB bảng dữ liệu(PDF) 71 Page - SPANSION

tên linh kiện MB9AFB44MB
Giải thích chi tiết về linh kiện  The MB9AB40NB Series are highly integrated
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AFB44MB bảng dữ liệu(HTML) 71 Page - SPANSION

Back Button MB9AFB44MB Datasheet HTML 67Page - SPANSION MB9AFB44MB Datasheet HTML 68Page - SPANSION MB9AFB44MB Datasheet HTML 69Page - SPANSION MB9AFB44MB Datasheet HTML 70Page - SPANSION MB9AFB44MB Datasheet HTML 71Page - SPANSION MB9AFB44MB Datasheet HTML 72Page - SPANSION MB9AFB44MB Datasheet HTML 73Page - SPANSION MB9AFB44MB Datasheet HTML 74Page - SPANSION MB9AFB44MB Datasheet HTML 75Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 129 page
background image
D a t a S h e e t
68
MB9AB40NB_DS706-00034-4v0-E, June 10, 2015
CONFIDENTIAL
2. Recommended Operating Conditions
(VSS = AVSS = 0.0V)
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min
Max
Power supply voltage
VCC
-
1.65*
6
3.6
V
*
1, *4
3.0*
6
3.6
*
2
2.2*
6
3.6
*
1, *3
LCD input voltage
VVV4
-
2.2
VCC
V
Analog power supply voltage
AVCC
-
1.65
3.6
V
AVCC = VCC
Analog reference voltage
AVRH
-
2.7
AVCC
V
AVCC ≥ 2.7 V
AVCC
AVCC
V
AVCC<2.7 V
Smoothing capacitor
CS
--
1
10
µF
For Regulator*
5
Operating temperature
TA
-
- 40
+ 85
°C
*1: When P81/UDP0 and P80/UDM0 pins are used as GPIO (P81, P80).
*2: When P81/UDP0 and P80/UDM0 pins are used as USB (UDP0, UDM0).
*3: When LCD Controller is used.
*4: When LCD Controller is not used.
*5 : See
C Pin in Handling Devices for the connection of the smoothing capacitor.
*6 : In between less than the minimum power supply voltage and low voltage reset/interrupt detection voltage
or more, instruction execution and low voltage detection function by built-in High-speed CR(including
Main PLL is used) or built-in Low-speed CR is possible to operate only.
<WARNING>
The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device's electrical characteristics are warranted when the device is
operated under these conditions.
Any use of semiconductor devices will be under their recommended operating condition.
Operation under any conditions other than these conditions may adversely affect reliability of device and
could result in device failure.
No warranty is made with respect to any use, operating conditions or combinations not represented on this
data sheet. If you are considering application under any conditions other than listed herein, please contact
sales representatives beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com