công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9AFB44MB bảng dữ liệu(PDF) 70 Page - SPANSION

tên linh kiện MB9AFB44MB
Giải thích chi tiết về linh kiện  The MB9AB40NB Series are highly integrated
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AFB44MB bảng dữ liệu(HTML) 70 Page - SPANSION

Back Button MB9AFB44MB Datasheet HTML 66Page - SPANSION MB9AFB44MB Datasheet HTML 67Page - SPANSION MB9AFB44MB Datasheet HTML 68Page - SPANSION MB9AFB44MB Datasheet HTML 69Page - SPANSION MB9AFB44MB Datasheet HTML 70Page - SPANSION MB9AFB44MB Datasheet HTML 71Page - SPANSION MB9AFB44MB Datasheet HTML 72Page - SPANSION MB9AFB44MB Datasheet HTML 73Page - SPANSION MB9AFB44MB Datasheet HTML 74Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 129 page
background image
D a t a S h e e t
June 10, 2015, MB9AB40NB_DS706-00034-4v0-E
67
CONFIDENTIAL
 Electrical Characteristics
1. Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*
1, *2
VCC
VSS - 0.5
VSS + 4.6
V
Analog power supply voltage*
1, *3
AVCC
VSS - 0.5
VSS + 4.6
V
Analog reference voltage*
1, *3
AVRH
VSS - 0.5
VSS + 4.6
V
LCD input voltage *
1, *3
VV0 to
VV4
VSS - 0.5
VSS + 4.6
V
Input voltage*
1
VI
VSS - 0.5
VCC + 0.5
(≤ 4.6 V)
V
VSS - 0.5
VSS + 6.5
V
5 V tolerant
Analog pin input voltage*
1
VIA
VSS - 0.5
AVCC + 0.5
(≤ 4.6 V)
V
Output voltage*
1
VO
VSS - 0.5
VCC + 0.5
(≤ 4.6 V)
V
L level maximum output current*
4
IOL
-
10
mA
39
mA
P81/UDP0 ,
P80/UDM0 pins
L level average output current*
5
IOLAV
-
4
mA
10.5
mA
*
7
27
mA
*
8
L level total maximum output current
∑I
OL
-
100
mA
L level total average output current*
6
∑I
OLAV
-
50
mA
H level maximum output current*
4
IOH
-
- 10
mA
39
mA
P81/UDP0 ,
P80/UDM0 pins
H level average output current*
5
IOHAV
-
- 4
mA
12
mA
*
7
27
mA
*
8
H level total maximum output current
∑I
OH
-
- 100
mA
H level total average output current*
6
∑I
OHAV
-
- 50
mA
Power consumption
PD
-
300
mW
Storage temperature
TSTG
- 55
+ 150
°C
*1: These parameters are based on the condition that VSS = AVSS = 0V.
*2: VCC must not drop below VSS - 0.5V.
*3: Ensure that the voltage does not to exceed VCC + 0.5 V, for example, when the power is turned on.
*4: The maximum output current is defined as the value of the peak current flowing through any one of the
corresponding pins.
*5: The average output current is defined as the average current value flowing through any one of the
corresponding pins for a 100 ms period.
*6: The total average output current is defined as the average current value flowing through all of
corresponding pins for a 100ms.
*7: When P81/UDP0 and P80/UDM0 pins are used as GPIO (P81, P80).
*8: When P81/UDP0 and P80/UDM0 pins are used as USB (UDP0, UDM0).
<WARNING>
Semiconductor devices may be permanently damaged by application of stress (including, without limitation,
voltage, current or temperature) in excess of absolute maximum ratings.
Do not exceed any of these ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com