công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9AFB44MB bảng dữ liệu(PDF) 6 Page - SPANSION

tên linh kiện MB9AFB44MB
Giải thích chi tiết về linh kiện  The MB9AB40NB Series are highly integrated
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AFB44MB bảng dữ liệu(HTML) 6 Page - SPANSION

Back Button MB9AFB44MB Datasheet HTML 2Page - SPANSION MB9AFB44MB Datasheet HTML 3Page - SPANSION MB9AFB44MB Datasheet HTML 4Page - SPANSION MB9AFB44MB Datasheet HTML 5Page - SPANSION MB9AFB44MB Datasheet HTML 6Page - SPANSION MB9AFB44MB Datasheet HTML 7Page - SPANSION MB9AFB44MB Datasheet HTML 8Page - SPANSION MB9AFB44MB Datasheet HTML 9Page - SPANSION MB9AFB44MB Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 129 page
background image
D a t a S h e e t
June 10, 2015, MB9AB40NB_DS706-00034-4v0-E
3
CONFIDENTIAL
 LCD Controller (LCDC)
 Up to 40 SEG × 8 COM
 8 COM or 4 COM mode can be selected.
 Built-in internal dividing resistor
 LCD drive power supply (bias) pin (VV4 to VV0)
 With blinking function
 Multi-function Serial Interface (Max 8channels)
 4 channels with 16steps×9-bit FIFO (ch.4 to ch.7), 4 channels without FIFO (ch.0 to ch.3)
 Operation mode is selectable from the followings for each channel.
 UART
 CSIO
 I
2C
[UART]
 Full-duplex double buffer
 Selection with or without parity supported
 Built-in dedicated baud rate generator
 External clock available as a serial clock
 Hardware Flow control* : Automatically control the transmission by CTS/RTS (only ch.4)
 Various error detection functions available (parity errors, framing errors, and overrun errors)
* : MB9AFB41LB, FB42LB and FB44LB do not support Hardware Flow control.
[CSIO]
 Full-duplex double buffer
 Built-in dedicated baud rate generator
 Overrun error detection function available
[I
2C]
Standard-mode (Max 100 kbps) / Fast-mode (Max 400 kbps) supported
 DMA Controller (8 channels)
The DMA Controller has an independent bus from the CPU, so CPU and DMA Controller can process
simultaneously.
 8 independently configured and operated channels
 Transfer can be started by software or request from the built-in peripherals
 Transfer address area: 32-bit (4 Gbytes)
 Transfer mode: Block transfer/Burst transfer/Demand transfer
 Transfer data type: byte/half-word/word
 Transfer block count: 1 to 16
 Number of transfers: 1 to 65536
 A/D Converter (Max 24 channels)
[12-bit A/D Converter]
 Successive Approximation type
 Built-in 2units
 Conversion time: 2.0 μs @ 2.7 V to 3.6 V
 Priority conversion available (priority at 2levels)
 Scanning conversion mode
 Built-in FIFO for conversion data storage (for SCAN conversion: 16steps, for Priority conversion:
4 steps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com