công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9AFB44MB bảng dữ liệu(PDF) 5 Page - SPANSION

tên linh kiện MB9AFB44MB
Giải thích chi tiết về linh kiện  The MB9AB40NB Series are highly integrated
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AFB44MB bảng dữ liệu(HTML) 5 Page - SPANSION

  MB9AFB44MB Datasheet HTML 1Page - SPANSION MB9AFB44MB Datasheet HTML 2Page - SPANSION MB9AFB44MB Datasheet HTML 3Page - SPANSION MB9AFB44MB Datasheet HTML 4Page - SPANSION MB9AFB44MB Datasheet HTML 5Page - SPANSION MB9AFB44MB Datasheet HTML 6Page - SPANSION MB9AFB44MB Datasheet HTML 7Page - SPANSION MB9AFB44MB Datasheet HTML 8Page - SPANSION MB9AFB44MB Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 129 page
background image
D a t a S h e e t
2
MB9AB40NB_DS706-00034-4v0-E, June 10, 2015
CONFIDENTIAL
 Features
 32-bit ARM Cortex-M3 Core
 Processor version: r2p1
 Up to 40 MHz Frequency Operation
 Integrated Nested Vectored Interrupt Controller (NVIC): 1 NMI (non-maskable interrupt) and
48 peripheral interrupts and 16 priority levels
 24-bit System timer (Sys Tick): System timer for OS task management
 On-chip Memories
[Flash memory]
 Dual operation Flash memory
 Dual Operation Flash memory has the upper bank and the lower bank.
So, this series could implement erase, write and read operations
for each bank simultaneously.
 Main area: Up to 256 Kbytes (Up to 240 Kbytes upper bank + 16 Kbytes lower bank)
 Work area: 32 Kbytes (lower bank)
 Read cycle: 0 wait-cycle
 Security function for code protection
[SRAM]
This Series on-chip SRAM is composed of two independent SRAM (SRAM0, SRAM1). SRAM0 is
connected to I-code bus and D-code bus of Cortex-M3 core. SRAM1 is connected to System bus.
 SRAM0: Up to 16 Kbytes
 SRAM1: Up to 16 Kbytes
 External Bus Interface*
 Supports SRAM, NOR Flash memory device
 Up to 8 chip selects
 8/16-bit Data width
 Up to 25-bit Address bit
 Maximum area size : Up to 256 Mbytes
 Supports Address/Data multiplex
 Supports external RDY function
* : MB9AFB41LB, FB42LB and FB44LB do not support External Bus Interface.
 USB Interface
The USB interface is composed of Function and Host.
PLL for USB is built-in, USB clock can be generated by multiplication of Main clock.
[USB function]
 USB2.0 Full-Speed supported
 Max 6 EndPoint supported
 EndPoint 0 is control transfer
 EndPoint 1, 2 can select Bulk-transfer, Interrupt-transfer or Isochronous-transfer
 EndPoint 3 to 5 can select Bulk-transfer or Interrupt-transfer
 EndPoint 1 to 5 is comprised of Double Buffers.
 The size of each endpoint is according to the follows.
- Endpoint 0, 2 to 5: 64 bytes
- Endpoint 1: 256 bytes
[USB host]
 USB2.0 Full/Low-speed supported
 Bulk-transfer, interrupt-transfer and Isochronous-transfer support
 USB Device connected/dis-connected automatical detection
 Automatic processing of the IN/OUT token handshake packet
 Max 256-byte packet-length supported
 Wake-up function supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com