công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9AFB44MB bảng dữ liệu(PDF) 73 Page - SPANSION

tên linh kiện MB9AFB44MB
Giải thích chi tiết về linh kiện  The MB9AB40NB Series are highly integrated
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AFB44MB bảng dữ liệu(HTML) 73 Page - SPANSION

Back Button MB9AFB44MB Datasheet HTML 69Page - SPANSION MB9AFB44MB Datasheet HTML 70Page - SPANSION MB9AFB44MB Datasheet HTML 71Page - SPANSION MB9AFB44MB Datasheet HTML 72Page - SPANSION MB9AFB44MB Datasheet HTML 73Page - SPANSION MB9AFB44MB Datasheet HTML 74Page - SPANSION MB9AFB44MB Datasheet HTML 75Page - SPANSION MB9AFB44MB Datasheet HTML 76Page - SPANSION MB9AFB44MB Datasheet HTML 77Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 129 page
background image
D a t a S h e e t
70
MB9AB40NB_DS706-00034-4v0-E, June 10, 2015
CONFIDENTIAL
Parameter
Symbol
Pin
name
Conditions
Value
Unit Remarks
Typ*
2 Max*2
Power
supply
current
ICCT
VCC
Main Timer
mode
TA = + 25°C,
When LVD is off
2.1
2.5
mA *1, *3
TA = + 85°C,
When LVD is off
-
3.4
mA *1, *3
Sub Timer
mode
TA = + 25°C,
When LVD is off
12
35
μA *1, *4
TA = + 85°C,
When LVD is off
-
330
μA *1, *4
ICCR
RTC mode
TA = + 25°C,
When LVD is off
9.8
29
μA *1, *4
TA = + 85°C,
When LVD is off
-
280
μA *1, *4
ICCH
Stop mode
TA = + 25°C,
When LVD is off
9
28
μA *1
TA = + 85°C,
When LVD is off
-
270
μA *1
ICCHD
Deep Standby
Stop mode
TA = + 25°C,
When LVD is off,
When RAM is off
1.25
7
μA
*1, *4, *5
TA = + 25°C,
When LVD is off,
When RAM is on
5.3
18
μA
*1, *4, *5
TA = + 85°C,
When LVD is off,
When RAM is off
-
70
μA
*1, *4, *5
TA = + 85°C,
When LVD is off,
When RAM is on
100
μA
*1, *4, *5
ICCRD
Deep Standby
RTC mode
TA = + 25°C,
When LVD is off,
When RAM is off
1.9
9
μA
*1, *5
TA = + 25°C,
When LVD is off,
When RAM is on
5.9
20
μA
*1, *5
TA = + 85°C,
When LVD is off,
When RAM is off
-
75
μA
*1, *5
TA = + 85°C,
When LVD is off,
When RAM is on
105
μA
*1, *5
*1: When all ports are fixed.
*2: VCC=3.6 V
*3: When using the crystal oscillator of 4 MHz(Including the current consumption of the oscillation circuit)
*4: When using the crystal oscillator of 32 kHz(Including the current consumption of the oscillation circuit)
*5: RAM on/off setting is on-chip SRAM only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com