công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9AFB44MB bảng dữ liệu(PDF) 98 Page - SPANSION

tên linh kiện MB9AFB44MB
Giải thích chi tiết về linh kiện  The MB9AB40NB Series are highly integrated
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AFB44MB bảng dữ liệu(HTML) 98 Page - SPANSION

Back Button MB9AFB44MB Datasheet HTML 94Page - SPANSION MB9AFB44MB Datasheet HTML 95Page - SPANSION MB9AFB44MB Datasheet HTML 96Page - SPANSION MB9AFB44MB Datasheet HTML 97Page - SPANSION MB9AFB44MB Datasheet HTML 98Page - SPANSION MB9AFB44MB Datasheet HTML 99Page - SPANSION MB9AFB44MB Datasheet HTML 100Page - SPANSION MB9AFB44MB Datasheet HTML 101Page - SPANSION MB9AFB44MB Datasheet HTML 102Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 129 page
background image
D a t a S h e e t
June 10, 2015, MB9AB40NB_DS706-00034-4v0-E
95
CONFIDENTIAL
(11) I
2C Timing
(VCC = 1.65V to 3.6V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Conditions
Standard-mode
Fast-mode
Unit Remarks
Min
Max
Min
Max
SCL clock frequency
fSCL
CL = 30 pF,
R = (Vp/IOL)*
1
0
100
0
400
kHz
(Repeated) START
condition hold time
SDA ↓ → SCL ↓
tHDSTA
4.0
-
0.6
-
μs
SCL clock L width
tLOW
4.7
-
1.3
-
μs
SCL clock H width
tHIGH
4.0
-
0.6
-
μs
(Repeated) START
condition setup time
SCL ↑ → SDA ↓
tSUSTA
4.7
-
0.6
-
μs
Data hold time
SCL ↓ → SDA ↓ ↑
tHDDAT
0
3.45*
2
0
0.9*
3
μs
Data setup time
SDA ↓ ↑ → SCL ↑
tSUDAT
250
-
100
-
ns
STOP condition setup time
SCL ↑ → SDA ↑
tSUSTO
4.0
-
0.6
-
μs
Bus free time between
STOP condition and
START condition
tBUF
4.7
-
1.3
-
μs
Noise filter
tSP
-
2 tCYCP*
4
-
2 tCYCP*
4
-
ns
*1: R and C represent the pull-up resistor and load capacitance of the SCL and SDA lines, respectively.
Vp indicates the power supply voltage of the pull-up resistor and IOL indicates VOL guaranteed current.
*2: The maximum tHDDAT must satisfy that it does not extend at least L period (tLOW) of device's SCL signal.
*3: A Fast-mode I
2C bus device can be used on a Standard-mode I2C bus system as long as the device satisfies
the requirement of tSUDAT ≥ 250 ns.
*4: tCYCP is the APB bus clock cycle time.
About the APB bus number that I
2C is connected to, see Block Diagram in this data sheet.
To use Standard-mode, set the APB bus clock at 2 MHz or more.
To use Fast-mode, set the APB bus clock at 8 MHz or more.
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com