công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9AFB44MB bảng dữ liệu(PDF) 126 Page - SPANSION

tên linh kiện MB9AFB44MB
Giải thích chi tiết về linh kiện  The MB9AB40NB Series are highly integrated
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AFB44MB bảng dữ liệu(HTML) 126 Page - SPANSION

Back Button MB9AFB44MB Datasheet HTML 121Page - SPANSION MB9AFB44MB Datasheet HTML 122Page - SPANSION MB9AFB44MB Datasheet HTML 123Page - SPANSION MB9AFB44MB Datasheet HTML 124Page - SPANSION MB9AFB44MB Datasheet HTML 125Page - SPANSION MB9AFB44MB Datasheet HTML 126Page - SPANSION MB9AFB44MB Datasheet HTML 127Page - SPANSION MB9AFB44MB Datasheet HTML 128Page - SPANSION MB9AFB44MB Datasheet HTML 129Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 126 / 129 page
background image
D a t a S h e e t
June 10, 2015, MB9AB40NB_DS706-00034-4v0-E
123
CONFIDENTIAL
 Major Changes
Page
Section
Change Results
Revision 2.0
2
FEATURE
 On-chip Memories
Revised the descriptions of [Flash memory].
 USB Interface
Revised the descriptions of [USB function].
6
 Unique ID
Added the descriptions of "Unique ID".
7
PRODUCT LINEUP
 Function
52
HANDLING DEVICES
Added the descriptions.
57
MEMORY MAP
 Memory Map (2)
62
PIN STATUS IN EACH CPU STATE
 List of Pin Status
Revised the Pin status type of "I".
70
ELECTRICAL CHARACTERISTICS
3.DC Characteristics
(1) Current rating
 Revised the descriptions of Power supply current.
 Added the "Flash memory write/erase current".
 Added the footnote.
74
5.AC Characteristics
(3) Built-in CR Oscillation Characteristics
 Built-in high-speed CR
Revised the table and the footnote.
78, 79
(7) External Bus Timing
 Separate Bus Access Asynchronous
SRAM Mode
Revised the table and the figure.
80
 Separate Bus Access Synchronous SRAM
Mode
85, 87,
89, 91
(9) CSIO Timing
 Revised the title to "CSIO Timing".
 Revised the note.
94
(11) I
2C Timing
Revised the footnote.
97
6. 12-bit A/D Converter
 Electrical Characteristics for the A/D
Converter
• Revised the parameter.
• Revised the symbol.
• Corrected the value.
99
 Definition of 12-bit A/D Converter Terms
• Revised the parameter.
• Revised the symbol.
104
8. Low-Voltage Detection Characteristics
(1) Low-Voltage Detection Reset
• Corrected "Conditions" and "Value" in the table.
• Added the Item.
• Added the footnote.
105
(2) Interrupt of Low-Voltage Detection
Added the Item.
Revision 2.1
-
-
Company name and layout design change
Revision 3.0
-
-
Corrected the Series name.
MB9AB40NA Series → MB9AB40NB Series
-
-
Corrected the Product name as follows.
MB9AFB44LB, MB9AFB42LB, MB9AFB41LB
MB9AFB44MB, MB9AFB42MB, MB9AFB41MB
MB9AFB44NB, MB9AFB42NB, MB9AFB41NB
2
 FEATURES
•External Bus Interface
Added the Item.
• Maximum area size : Up to 256 Mbytes
3
•Multi-function Serial Interface
Corrected the description of "I
2C"
7
PRODUCT LINEUP
•Function
Added the footnote
55
BLOCK DIAGRAM
Corrected the figure
56
MEMORY MAP
•Memory Map (1)
Corrected the address "External Device Area"
68
 ELECTRICAL CHARACTERISTICS
2.Recommended Operating Conditions
Add the footnote
69,70
3.DC Characteristics
(1)Current rating
•Corrected the Condition
•Delete the minmun value
•Corrected the remarks
•Add the footnote
92
(9)CSIO Timing
•Synchronous serial (SPI=1, SCINV=1)
Corrected the figure of "MS bit=1"
(9) CSIO Timing
• External clock(EXT=1):asyntironous only
Corrected the figure
94
(12)I
2C Timing
Corrected the description as follows.
•Typical mode → Standard-mode
•High-speed mode→ Fast-mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com