công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30622ECTFP bảng dữ liệu(PDF) 174 Page - Mitsubishi Electric Semiconductor

tên linh kiện M30622ECTFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP bảng dữ liệu(HTML) 174 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 170Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 171Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 172Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 173Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 174Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 175Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 176Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 177Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 178Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 184 page
background image
174
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Usage precaution
Usage precaution of built-in PROM version
(1) All built-in PROM versions
High voltage is required to program to the built-in PROM. Be careful not to apply excessive voltage.
Be especially careful during power-on.
(2) One Time PROM version
One Time PROM versions shipped in blank (M30622ECTFP/ECVFP, M30623ECTGP/ECVGP), of
which built-in PROMs are programmed by users, are also provided. For these microcomputers, a
programming test and screening are not performed in the assembly process and the following pro-
cesses. To improve their reliability after programming, we recommend to program and test as flow
shown in Figure 1.24.1 before use.
But, in case of using as the test of cars loading, mass production, correspond to programming PROM,
and screened shipped in programming, please require.
Programming with PROM programmer
Screening (Note 1)
(Leave at 150˚C for 40 hours)
Verify test PROM programmer
ROM data check in all numbers, target device
(high temperature, low temperature) (Note 2) Vcc=5.5V, 5.0V, 4.5V
Note 1: Never expose to 150˚C exceeding 100 hours.
Note 2: Test in responce to using temperature limit.
Figure 1.24.1. Programming and test flow for One Time PROM version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com