công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30622ECTFP bảng dữ liệu(PDF) 177 Page - Mitsubishi Electric Semiconductor

tên linh kiện M30622ECTFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP bảng dữ liệu(HTML) 177 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 173Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 174Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 175Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 176Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 177Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 178Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 179Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 180Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 181Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 184 page
background image
177
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Electrical characteristics
Table 1.26.3. Electrical characteristics (referenced to VCC = 5V, VSS = 0V at Ta = -40oC to 125oC(Note 1),
f(XIN) = 16MHZ unless otherwise specified)
VOH
VOH
VOH
VOL
VOL
VOL
V
V
0.9Vcc
V
XOUT
3.0
3.0
V
0.4Vcc
V
V
XOUT
2.0
2.0
0.6Vcc
IOL=5mA
Vcc=4.0V to 5.5V
IOL=1mA
IOL=200µA
Vcc=4.0V to 5.5V
IOL=0.5mA
P00 to P07, P10 to P17, P20 to P27,
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P47, P50 to P57,
P30 to P37, P40 to P47, P50 to P57,
P60 to P67, P72 to P77, P80 to P84,
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P47, P50 to P57,
P60 to P67, P72 to P77, P80 to P84,
HIGHPOWER
LOWPOWER
P86, P87, P90 to P97, P100 to P107
HIGHPOWER
LOWPOWER
P60 to P67, P70 to P77, P80 to P84,
P86, P87, P90 to P97, P100 to P107
P86, P87, P90 to P97, P100 to P107
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P47, P50 to P57,
P60 to P67, P70 to P77, P80 to P84,
P86, P87, P90 to P97, P100 to P107
VT+-VT-
0.2
0.8
V
Symbol
Parameter
Unit
Standard
Min
Typ.
Max.
HIGH output
voltage
HIGH output
voltage
HIGH output
voltage
LOW output
voltage
LOW output
voltage
LOW output
voltage
Hysteresis
IIH
I IL
V RAM
Icc
VT+-VT-
0.5
1.5
V
5
µA
2
V
2
µA
mA
RESET, CNVss, BYTE
50
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P47, P50 to P57,
P60 to P67, P70 to P77, P80 to P87,
P90 to P97, P100 to P107,
XIN, RESET, CNVss, BYTE
VI=5V
Pull-up resistance
VI=0V
28
38
f(XIN)=16MHz, Square wave,
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P47, P50 to P57,
P60 to P67, P70 to P77, P80 to P87,
P90 to P97, P100 to P107,
XIN, RESET, CNVss, BYTE
4.0
µA
f(XIN)=16kHz, Square wave,
24
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P47, P50 to P57,
P60 to P67, P72 to P77, P80 to P84,
P86, P87, P90 to P97, P100 to P107
No pull-up resistance
VI=0V
Hysteresis
HIGH input
current
LOW input
current
RAM retention voltage
Power supply current
µA
When clock is stopped
In single-chip
mode, the
output pins are
open and other
pins are Vss
diveide-by-1, no-wait
f(XCIN)=32kHz
Ta=125
°C
when clock is stopped
Ta=25
°C
when clock is stopped
Measuring condition
TA0IN to TA4IN, TA0OUT to TA4OUT,
TB0IN to TB5IN, INT0 to INT5,
P82 to P84, ADTRG, CTS0 to CTS2,
CLK0 to CLK4, RXD0 to RXD2,
SIN3, SIN4, KI0 to KI3, NMI
When a WAIT instruction is
executed, Ta=25
°C
IOH= 5mA
Vcc=4.0V to 5.5V
IOH= 200µA
Vcc=4.0V to 5.5V
IOH= 0.5mA
IOH= 1mA
0.1Vcc
VT+-VT-
XIN
Hysteresis
0.2
0.8
V
I IL
LOW input
current
µA
70
100
150
diveide-by-1, 1-wait
f(XIN)=16kHz, Square wave,
6.7
diveide-by-8, no-wait
mA
mA
5
XCOUT
HIGHPOWER
LOWPOWER
HIGH output
voltage
With no load applied
With no load applied
3.0
1.6
V
XCOUT
LOW output
voltage
HIGHPOWER
LOWPOWER
With no load applied
With no load applied
0
0
V
R fXIN
R fXCIN
Feedback resistance
XIN
XCIN
Feedback resistance
1.0
6.0
20
Ta=85
°C
when clock is stopped
M
Ω
M
Ω
Note 1: In case of 85
°C guaranteed version, -40°C to 85°C. In case of 125°C guaranteed version, -40°C to 125°C.
Note 2: In M30623(80-pin package), P10 to P17, P44 to P47,P72 to P75, and P91 are not connected to the external pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com