| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M30622ECTFP bảng dữ liệu(PDF) 5 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M30622ECTFP bảng dữ liệu(HTML) 5 Page - Mitsubishi Electric Semiconductor |
|
5 / 184 page ![]() 5 Mitsubishi microcomputers M16C / 62T Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Description Figure 1.1.4. Block diagram of M30623 (80-pin package) I/O ports Port P0 8 Port P2 8 Port P3 8 Port P4 4 Port P5 8 Port P6 8 Internal peripheral functions Timer Timer TA0 (16 bits) Timer TA1 (16 bits) Timer TA2 (16 bits) Timer TA3 (16 bits) Timer TA4 (16 bits) Timer TB0 (16 bits) Timer TB1 (16 bits) Timer TB2 (16 bits) Timer TB3 (16 bits) Timer TB4 (16 bits) Timer TB5 (16 bits) Watchdog timer (15 bits) DMAC (2 channels) D-A converter (8 bits ! 2 channels) SB Registers Program conter R0H R0L R1H R1L R2 R3 A0 A1 FB PC Sutack pointer ISP USP Vector table INTB FLG M16C/60series 16-bit CPU core Memory Multiplier A-D converter (10 bits ! 8 channels Expandable up to 26 channels) UART/clock synchronous SI/O (8 bits ! 3 channels) (Note 1) CRC arithmetic circuit (CCITT) (Polynominal: X 16+X12+X5+1) System clock generator XIN-XOUT XCIN-XCOUT Clock synchronous SI/O (8 bits ! 2 channels) (Note 2) ROM (Note 3) RAM (Note 4) R0H R0L R1H R1L R2 R3 A0 A1 FB Note 1: One of 3 channels is an exclusive UART, functions as IIC bus interface. Note 2: One of 3 channels is an exclusive transmission. Note 3: ROM size depends on MCU type. Note 4: RAM size depends on MCU type. |