công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30622ECTFP bảng dữ liệu(PDF) 46 Page - Mitsubishi Electric Semiconductor

tên linh kiện M30622ECTFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP bảng dữ liệu(HTML) 46 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 50Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 184 page
background image
46
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Status Transition of BCLK
Power dissipation can be reduced and low-voltage operation achieved by changing the count source for
BCLK. Table 1.13.4 shows the operating modes corresponding to the settings of system clock control
registers 0 and 1.
After a reset, operation defaults to division by 8 mode. When shifting to stop mode, the main clock division
select bit 0 (bit 6 at address 000616) is set to “1”. The following shows the operational modes of BCLK.
(1) Division by 2 mode
The main clock is divided by 2 to obtain the BCLK.
(2) Division by 4 mode
The main clock is divided by 4 to obtain the BCLK.
(3) Division by 8 mode
The main clock is divided by 8 to obtain the BCLK. Note that oscillation of the main clock must have
stabilized before transferring from this mode to another mode.
(4) Division by 16 mode
The main clock is divided by 16 to obtain the BCLK.
(5) No-division mode
The main clock is used as the BCLK.
(6) Low-speed mode
fC is used as the BCLK. Note that oscillation of both the main and sub clocks must have stabilized before
transferring from this mode to another or vice versa. At least 2 to 3 seconds are required after the sub
clock starts. Therefore, the program must be written to wait until this clock has stabilized immediately
after powering up and after stop mode is cancelled.
(7) Low power dissipation mode
fC is the BCLK and the main clock is stopped.
Status Transition of BCLK
0
1
0
0
0
Invalid
Division by 2 mode
1
0
0
0
0
Invalid
Division by 4 mode
Invalid
Invalid
0
1
0
Invalid
Division by 8 mode
1
1
0
0
0
Invalid
Division by 16 mode
0
0
0
0
0
Invalid
No-division mode
Invalid
Invalid
1
Invalid
0
1
Low-speed mode
Invalid
Invalid
1
Invalid
1
1
Low power dissipation mode
CM17
CM16
CM07
CM06
CM05
CM04
Operating mode of BCLK
Table 1.13.4. Operating modes dictated by settings of system clock control registers 0 and 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com