công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30622ECTFP bảng dữ liệu(PDF) 176 Page - Mitsubishi Electric Semiconductor

tên linh kiện M30622ECTFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP bảng dữ liệu(HTML) 176 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 172Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 173Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 174Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 175Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 176Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 177Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 178Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 179Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 180Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 184 page
background image
176
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Electrical characteristics
Table 1.26.1. Absolute maximum ratings
Note 1: When writing to EPROM ,only CNVss is –0.3 to 13.5 (V) .
Note 2: In case of 85
°C guaranteed version, -40°C to 85°C. In case of 125°C guaranteed version, -40°C to 125°C.
Note 3: In M30623(80-pin package), P10 to P17, P44 to P47,P72 to P75,and P91 are not connected to the external pin.
4.2 (Note 1)
5.5
Vcc
5.0
Vcc
AVcc
V
V
0
0
VIH
I OH (avg)
mA
mA
Vss
AVss
0.8Vcc
V
V
V
V
Vcc
0.2Vcc
0.2Vcc
0
0
I OH (peak)
P70 to P77, P80 to P87, P90 to P97, P100 to P107,
-5
-10
P00 to P07, P10 to P17 (during single-chip mode)
P00 to P07, P10 to P17, P20 to P27,P30 to P37,
P40 to P47, P50 to P57, P60 to P67,P72 to P77,
P80 to P84,P86,P87,P90 to P97,P100 to P107 (Note 4)
P20 to P27, P30 to P37, P40 to P47, P50 to P57, P60 to P67,
10
5
mA
f (XIN)
MHz
I OL (peak)
mA
I OL (avg)
16
f (XcIN)
kHz
50
32.768
V
XIN, RESET, CNVSS, BYTE
P00 to P07, P20 to P27,P30 to P37,
P40 to P47, P50 to P57, P60 to P67,P72 to P77,
P80 to P84,P86,P87,P90 to P97,P100 to P107
P00 to P07, P20 to P27,P30 to P37,
P40 to P47, P50 to P57, P60 to P67,P70 to P77,
P80 to P84,P86,P87,P90 to P97,P100 to P107 (Note 4)
P00 to P07, P20 to P27,P30 to P37,
P40 to P47, P50 to P57, P60 to P67,P70 to P77,
P80 to P84,P86,P87,P90 to P97,P100 to P107
Vcc=4.2V (Note 1) to 5.5V
0.8Vcc
V
VIL
Symbol
Parameter
Unit
Standard
Min
Typ.
Max.
Supply voltage
Analog supply voltage
Supply voltage
Analog supply voltage
HIGH input
voltage
LOW input
voltage
HIGH peak output
current
HIGH average output
current
LOW peak output
current
LOW average
output current
Main clock input oscillation frequency
Subclock oscillation frequency
HIGH input voltage
VIH
Vcc
P70 to P77, P80 to P87, P90 to P97, P100 to P107,
P20 to P27, P30 to P37, P40 to P47, P50 to P57, P60 to P67,
XIN, RESET, CNVSS, BYTE
P00 to P07, P10 to P17 (during single-chip mode)
LOW input voltage
VIL
Table 1.26.2. Recommended operating conditions (referenced to VCC = 4.2V(Note 1) to 5.5V
at Ta = – 40oC to 125oC(Note 2) unless otherwise specified)
Note 1: In case of One-time PROM version, 4.5V.
Note 2: In case of 85
°C guaranteed version, -40°C to 85°C. In case of 125°C guaranteed version, -40°C to 125°C.
Note 3: The mean output current is the mean value within 100ms.
Note 4: In M30622(100-pin package), the total IOL (peak) and the total IOH (peak) for ports P0, P1, P2, P86, P87, P9, and P10 and the
total IOL (peak) and the total IOH (peak) for ports P3, P4, P5, P6, P7, and P80 to P84 severally must be 80mA max.
In M30623(80-pin package), Vcc pin and Vss pin are each one pin, so the total IOL (peak) and the total IOH (peak) for all ports
must be 80mA max.
Note 5: The loss power effect of the whole part-port(the output port transistor and the pull-up resistor) must be 50mW max,
so that power dissipation at Ta=125
°C(include Ta >85°C) doesn’t exceed absolute maximum ratings.
Note 6: In M30623(80-pin package), P10 to P17, P44 to P47,P72 to P75, and P91 are not connected to the external pin.
XOUT
VO
Pd
40°C < Ta
≤ 85°C
V
V
V
VI
AVcc
Vcc
Tstg
Topr
mW
V
300
P30 to P37, P40 to P43, P50 to P57,
P60 to P67, P72 to P77, P80 to P87,
P00 to P07, P10 to P17, P20 to P27,
P30 to P37,P40 to P43, P50 to P57,
P60 to P67,P72 to P77, P80 to P84,
P00 to P07, P10 to P17, P20 to P27,
RESET, VREF, XIN
P90 to P97, P100 to P107
P86, P87, P90 to P97, P100 to P107,
CNVSS, BYTE
P70, P71,
V
V
AVCC=VCC, AVSS=VSS
C
C
Symbol
Parameter
Condition
Rated value
Unit
Supply voltage
Analog supply voltage
Input
voltage
Output
voltage
Power dissipation
Operating ambient temperature
Storage temperature
P70, P71
V
AVCC=VCC, AVSS=VSS
0.3 to 7
0.3 to 6.5
(Note 1)
200
300
200
85°C <Ta
≤ 125°C
0.3 to Vcc+0.3
40 to 125 (Note 2)
65 to 150
One-time PROM
version
Mask ROM
version
0.3 to 7
0.3 to 7
0.3 to 7
0.3 to 6.5
0.3 to 6.5
0.3 to 7
0.3 to 6.5
65 to 150
0.3 to Vcc+0.3
0.3 to Vcc+0.3
0.3 to Vcc+0.3
0.3 to Vcc+0.3
40 to 125 (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com