công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30622ECTFP bảng dữ liệu(PDF) 178 Page - Mitsubishi Electric Semiconductor

tên linh kiện M30622ECTFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP bảng dữ liệu(HTML) 178 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 174Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 175Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 176Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 177Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 178Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 179Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 180Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 181Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 182Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 184 page
background image
178
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Electrical characteristics
Table 1.26.4. A-D conversion characteristics (referenced to VCC = AVCC= 5V, Vss = AVSS = 0V, Ta = 25oC,
f(XIN) = 16MHZ unless otherwise specified)
µs
Standard
Min.
Typ. Max.
Resolution
Absolute
accuracy
Bits
LSB
VREF = VCC = 5V
±3
10
Symbol
Parameter
Measuring condition
Unit
VREF = AVCC = VCC = 5V,
φAD≤10MHz
RLADDER
tCONV
Ladder resistance
Conversion time(10bit)
Reference voltage
Analog input voltage
k
Ω
V
VIA
VREF
V
0
2
10
VCC
VREF
40
Conversion time(8bit)
3.3
tCONV
tSAMP
Sampling time
3.5
VREF = VCC = 5V
Sample & hold function not available
Sample & hold function available
AN0 to AN7,AN00 to AN07,
AN20 to AN27,
ANEX0, ANEX1 input
External op-amp connection mode
VREF=AVCC
=VCC
=5V
φAD≤10MHz
LSB
LSB
±7
µs
µs
±3
Min.
Typ.
Max.
tsu
RO
Resolution
Absolute accuracy
Setup time
Output resistance
Reference power supply input current
Bits
%
k
Ω
mA
IVREF
1.0
1.5
8
3
Symbol
Parameter
Measuring condition
Unit
20
10
4
µs
(
Note 1)
Standard
Note 1: Divide the frequency if f(XIN) exceeds 10 MHz, and make
φAD equal to or lower than 10 MHz.
(10bit)
f(XIN)=16MHz,
φAD = fAD/2 = 8MHz
4.125
f(XIN)=10MHz,
φAD = fAD = 10MHz
0.375
0.3
f(XIN)=16MHz,
φAD = fAD/2 = 8MHz
f(XIN)=10MHz,
φAD = φAD = 10MHz
f(XIN)=16MHz,
φAD = fAD/2 = 8MHz
f(XIN)=10MHz,
φAD = fAD = 10MHz
2.8
Absolute accuracy(8bit)
VREF = AVCC = VCC = 5V,
φAD≤10MHz
LSB
±2
Table 1.26.5. D-A conversion characteristics (referenced to VCC = 5V, VSS = AVSS = 0V, VREF = 5V
at Ta = 25oC, f(XIN) = 16MHZ unless otherwise specified)
Note 1: This applies when using one D-A converter, with the D-A register for the unused D-A converter set to
“0016”. The A-D converter's ladder resistance is not included.
Note 2: When the Vref is unconnected at the A-D control register, IVREF is sent. When not using D-A
converter, with the D-A register for the unused D-A converter set to “0016”, so that prevent dissipation
of unnecessary reference power supply current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com